Electronic Components Datasheet Search
  English  ▼

X  

MIC2526 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2526
Description  Dual USB Power Control Switch Not Recommended for New Designs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2526 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2526 Datasheet HTML 1Page - Micrel Semiconductor MIC2526 Datasheet HTML 2Page - Micrel Semiconductor MIC2526 Datasheet HTML 3Page - Micrel Semiconductor MIC2526 Datasheet HTML 4Page - Micrel Semiconductor MIC2526 Datasheet HTML 5Page - Micrel Semiconductor MIC2526 Datasheet HTML 6Page - Micrel Semiconductor MIC2526 Datasheet HTML 7Page - Micrel Semiconductor MIC2526 Datasheet HTML 8Page - Micrel Semiconductor MIC2526 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC2526
Micrel
MIC2526
2
February 2000
Pin Description
Pin Number
Pin Name
Pin Function
1 / 4
EN(A/B)
Enable (Input): Logic-compatible enable input. High input > 2.1V typical.
Low input <1.9V typical (-1 active high, -2 active low). Do not float.
2 / 3
FLG(A/B)
Fault Flag (Output): Active-low, open-drain output. Indicates overcurrent,
UVLO, and thermal shutdown.
6
GND
Ground: Supply return.
7
IN
Supply Input: Output MOSFET drain. Also supplies IC’s internal circuitry.
Connect to positive supply.
8 / 5
OUT(A/B)
Switch Output: Output MOSFET source. Typically connect to switched side
of load.
Pin Configuration
1
2
3
4
8
7
6
5
OUTA
IN
GND
OUTB
ENA
FLGA
FLGB
ENB
MIC2526
8-Pin SOIC (M)
8-Pin DIP (N)
LOGIC,
CHARGE
PUMP
LOGIC,
CHARGE
PUMP
8 (OUTA)
5 (OUTB)
7 (IN)
6 (GND)
(ENA) 1
(FLGA) 2
(FLGB) 3
(ENB) 4
MIC2526
Ordering Information
Part Number
Enable
Temperature Range
Package
MIC2526-1BM
Active High
–40
°C to +85°C
8-Pin SOIC
MIC2526-2BM
Active Low
–40
°C to +85°C
8-Pin SOIC
MIC2526-1BN
Active High
–40
°C to +85°C
8-pin DIP
MIC2526-2BN
Active Low
–40
°C to +85°C
8-pin DIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com