Electronic Components Datasheet Search
  English  ▼

X  

MIC2536 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2536
Description  Dual USB Power Distribution Switch Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2536 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2536 Datasheet HTML 1Page - Micrel Semiconductor MIC2536 Datasheet HTML 2Page - Micrel Semiconductor MIC2536 Datasheet HTML 3Page - Micrel Semiconductor MIC2536 Datasheet HTML 4Page - Micrel Semiconductor MIC2536 Datasheet HTML 5Page - Micrel Semiconductor MIC2536 Datasheet HTML 6Page - Micrel Semiconductor MIC2536 Datasheet HTML 7Page - Micrel Semiconductor MIC2536 Datasheet HTML 8Page - Micrel Semiconductor MIC2536 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
March 2000
5
MIC2536
MIC2536
Micrel
March 2000
5
MIC2536
Functional Characteristics
Turn-On / Turnoff
(MIC2536-1)
V
IN = 5V
C
IN = 4.7µF
R
L = 50Ω
C
L = 1µF
Time (1ms/div)
Turn-On
(MIC2536-1)
V
IN = 5V
C
IN = 4.7µF
R
L = 35Ω
C
L = 10µF
Time (1ms/div)
Turnoff
(MIC2536-1)
V
IN = 5V
C
IN = 4.7µF
R
L = 35Ω
C
L = 10µF
Time (1ms/div)
Turn-On
(MIC2536-1)
V
IN = 5V
C
IN = 4.7µF
(output current limited)
R
L = 35Ω
C
L = 47µF || 10µF
Time (1ms/div)
Turnoff
(MIC2536-1)
V
IN = 5V
C
IN = 4.7µF
R
L = 35Ω
C
L = 47µF || 10µF
Time (5
µs/div)
Enabled Into Short Circuit
(MIC2536-1)
V
IN = 5V
C
IN = 4.7µF
OUT = GND
C
L = 0
Time (10ms/div)
t
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com