Electronic Components Datasheet Search
  English  ▼

X  

MIC2537 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2537
Description  Quad Power Distribution Switch Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2537 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2537 Datasheet HTML 1Page - Micrel Semiconductor MIC2537 Datasheet HTML 2Page - Micrel Semiconductor MIC2537 Datasheet HTML 3Page - Micrel Semiconductor MIC2537 Datasheet HTML 4Page - Micrel Semiconductor MIC2537 Datasheet HTML 5Page - Micrel Semiconductor MIC2537 Datasheet HTML 6Page - Micrel Semiconductor MIC2537 Datasheet HTML 7Page - Micrel Semiconductor MIC2537 Datasheet HTML 8Page - Micrel Semiconductor MIC2537 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC2537
Micrel
December 1999
4
MIC2537
Typical Characteristics
0
20
40
60
80
100
2
3456
SUPPLY VOLTAGE (V)
Supply Current
vs. Supply Voltage
T
A
= 25
°C
R
L = ∞
0
20
40
60
80
100
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Supply Current
vs. Temperature
V
IN = 5V
R
L = ∞
V
IN = 3.3V
0
100
200
300
400
500
234
56
SUPPLY VOLTAGE (V)
Ouput On-Resistance
Variation vs. Supply Voltage
T
A
= 25
°C
I
L = 100mA
0
100
200
300
400
500
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Ouput On-Resistance
Variation vs. Temperat ure
V
IN = 5V
I
L = 100mA
0
50
100
150
200
250
300
2
3456
SUPPLY VOLTAGE (V)
Overcurrent Threshold and
Current Limit vs. Supply Voltage
I
THR
I
LIM
T
A
= 25
°C
0
50
100
150
200
250
300
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Overcurrent Threshold , and
Current Limit vs. Te mperature
I
THR
I
LIM
V
IN = 5V
0
0.5
1.0
1.5
2.0
23456
SUPPLY VOLTAGE (V)
Control Threshold
vs. Supply Voltage
V
IH
V
IL
T
A
= 25
°C
0
0.5
1.0
1.5
2.0
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Control Threshold
vs. Temperature
V
IH
V
IL
V
IN = 5V
0
100
200
300
400
500
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Output Rise Time
vs. Temperature
V
IN = 5V
C
L = 0.01µF
R
L = 44Ω
0
0.5
1.0
1.5
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Output Fall Time
vs. Temperature
V
IN = 5V
C
L = 0.01µF
R
L = 44Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com