Electronic Components Datasheet Search
  English  ▼

X  

MIC2545A Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2545A
Description  Programmable Current Limit High-Side Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2545A Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2545A Datasheet HTML 1Page - Micrel Semiconductor MIC2545A Datasheet HTML 2Page - Micrel Semiconductor MIC2545A Datasheet HTML 3Page - Micrel Semiconductor MIC2545A Datasheet HTML 4Page - Micrel Semiconductor MIC2545A Datasheet HTML 5Page - Micrel Semiconductor MIC2545A Datasheet HTML 6Page - Micrel Semiconductor MIC2545A Datasheet HTML 7Page - Micrel Semiconductor MIC2545A Datasheet HTML 8Page - Micrel Semiconductor MIC2545A Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MIC2545A/2549A
Micrel
MIC2545A/2549A
2
June 2000
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
SOP, DIP
TSSOP
1
1
EN
Enable (Input): Logic-compatible enable input (-1 version is active high, -2
version is active low). High input >1.8V typical; low input <1.4V typical.
Do not float.
MIC2549A only: Also resets thermal shutdown latch.
2
3
FLG
Fault Flag (Output): Active-low, open-drain output. Indicates overcurrent or
thermal shutdown.
MIC2549A only: latched low on thermal shutdown.
3
5
GND
Ground: Supply return.
4
7
ILIM
Current Limit: Sets current limit threshold using an external resistor (R
SET)
connected to ground. 76.8
Ω < R
SET < 459Ω.
5, 7
8, 12
IN
Supply Input: Output MOSFET drain. Also powers internal circuitry. Both IN
pins must be externally connected together.
6, 8
10, 14
OUT
Switch Output: Output MOSFET source. Both OUT pins must be externally
connected together.
2,4,6,9,11,13
NC
not internally connected
Pin Configuration
1
2
3
4
8
7
6
5
OUT
IN
OUT
IN
EN
FLG
GND
ILIM
MIC2545A/2549A
8-Lead SOP (M)
8-Pin DIP (N)
LOGIC,
CHARGE
PUMP
6,8 (OUT)
5,7 (IN)
(EN) 1
(FLG) 2
3 (GND)
(ILIM) 4
MIC2545A/2549A
Ordering Information
Part Number
Enable
Latch*
Temperature Range
Package
MIC2545A-1BM
Active High
–40
°C to +85°C
8-lead SOP
MIC2545A-1BN
Active High
–40
°C to +85°C
8-pin DIP
MIC2545A-1BTS
Active High
–40
°C to +85°C
14-lead TSSOP
MIC2545A-2BM
Active Low
–40
°C to +85°C
8-lead SOP
MIC2545A-2BN
Active Low
–40
°C to +85°C
8-pin DIP
MIC2545A-2BTS
Active Low
–40
°C to +85°C
14-lead TSSOP
MIC2549A-1BM
Active High
•–40
°C to +85°C
8-lead SOP
MIC2549A-1BN
Active High
•–40
°C to +85°C
8-pin DIP
MIC2549A-1BTS
Active High
•–40
°C to +85°C
14-lead TSSOP
MIC2549A-2BM
Active Low
•–40
°C to +85°C
8-lead SOP
MIC2549A-2BN
Active Low
•–40
°C to +85°C
8-pin DIP
MIC2549A-2BTS
Active Low
•–40
°C to +85°C
14-lead TSSOP
2
NC
3
FLG
4
NC
5
GND
6
NC
7
ILIM
1
EN
OUT
14
NC
13
IN
12
NC
11
OUT
10
NC
9
8
IN
MIC2545A/2549A
14-Lead TSSOP (TS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com