Electronic Components Datasheet Search
  English  ▼

X  

D468 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # D468
Description  LOW FREQUENCY POWER AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

D468 Datasheet(HTML) 3 Page - Unisonic Technologies

  D468 Datasheet HTML 1Page - Unisonic Technologies D468 Datasheet HTML 2Page - Unisonic Technologies D468 Datasheet HTML 3Page - Unisonic Technologies D468 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SD468
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R211-003.B
TYPICAL CHARACTERISTICS
Base to Emitter Voltage, VBE (V)
0
0.2
0.4
0.6
0.8
1.0
1
3
10
30
100
300
1,000
Typical Transfer Characteristics
Ta=75℃
25℃
VCE=2V
5
10
50
200
500
1
3
10
30
100 300
1,000
Collector Current, IC (mA)
DC Current Transfer Ratio
vs. Collector Current
20
100
1,000
2,000
5,000
VCE=2V
Ta=75℃
25℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com