Electronic Components Datasheet Search
  English  ▼

X  

9012 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 9012
Description  1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9012 Datasheet(HTML) 3 Page - Unisonic Technologies

  9012_15 Datasheet HTML 1Page - Unisonic Technologies 9012_15 Datasheet HTML 2Page - Unisonic Technologies 9012_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
9012
PNP SILICON EPITAXIAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R201-029.B
TYPICAL CHARACTERISTICS
0
0
Static Characteristic
Collector-Emitter Voltage, VCE (V)
-20
DC Current Gain
-30
-300 -500 -1000
-10
-20
-30
-40
-50
-10
-30
-40
-50
Collector Current, IC (mA)
10
30
50
100
300
500
1000
-10
-100
IB=-150μA
IB=-200μA
IB=-250μA
IB=-100μA
IB=-500μA
VCE=-1V
-50
Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
-30
-300 -500 -1000
Collector Current, IC (mA)
-10
-30
-50
-100
-300
-500
-1000
-10
-100
VBE(sat)
-50
VCE(sat)
IC=10IB
Current Gain Bandwidth Product
Collector Current, IC (mA)
5
30
50
100
300
500
1000
-1
VCE=-6V
10
3
1
-3-5 -10
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com