Electronic Components Datasheet Search
  English  ▼

X  

MIC2550BTS Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2550BTS
Description  Universal Serial Bus Transceiver Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2550BTS Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2550BTS Datasheet HTML 1Page - Micrel Semiconductor MIC2550BTS Datasheet HTML 2Page - Micrel Semiconductor MIC2550BTS Datasheet HTML 3Page - Micrel Semiconductor MIC2550BTS Datasheet HTML 4Page - Micrel Semiconductor MIC2550BTS Datasheet HTML 5Page - Micrel Semiconductor MIC2550BTS Datasheet HTML 6Page - Micrel Semiconductor MIC2550BTS Datasheet HTML 7Page - Micrel Semiconductor MIC2550BTS Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
October 4, 1999
3
MIC2550
MIC2550
Micrel
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
IF) ................................................... +6.5V
Input Voltage (V
BUS) ........................ –0.5V(min)/5.5V(max)
Output Current (I
D+, ID–) ........................................... ±50mA
Output Current (all others) .......................................
±15mA
Input Current ............................................................
±50mA
Power Dissipation (P
D) ................................................ TBD
Storage Temperature (T
S) .......................... –65° to +150°C
ESD, Note 3
Operating Ratings (Note 2)
Supply Voltage (V
BUS) ................................. 4.0V to 5.25V
Temperature Range (T
A) ........................... –40°C to +85°C
Junction Temperature (T
J) ........................................ 160°C
Package Thermal Resistance
TSSOP
(θ
JA) ..................................................... 100°C/W
Electrical Characteristics
T
A = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C; typical values at VBUS = 5.0V, VIF = 3.0V; minimum and maximum values at
V
BUS = 4.0V to 5.25V, VIF = 2.5V to 3.6V; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
System and USB Interface DC Characteristics
V
BUS
USB Supply Voltage
4.0
5.25
V
V
IF
System I/F Supply voltage
2.5
5.25
V
V
IL
Low-Level Input Voltage, Note 4
0.15V
IF
V
V
IH
High-Level Input Voltage, Note 4
0.85V
IF
V
V
OH
High-Level Output Voltage, Note 4
I
OH = 20µA
0.9V
IF
V
V
OL
Low-Level Output Voltage, Note 4
I
OL = 20µA
0.1
V
I
IL
Input Leakage Current, Note 4
±5
µA
I
IF
System I/F Supply Current
D– and D+ are idle, V
IF = 3.6V, VBUS = 5.25V
1
µA
SUS = 1, OE# = 1
D– and D+ are idle, V
IF = 3.6V, VBUS = 5.25V
1
µA
SUS = 0, OE# = 1
D– and D+ active, C
LOAD = 50pF, SPD = 1,
2
µA
SUS = 0, V
IF = 3.6V, OE# = 0
D– and D+ active, C
LOAD = 600pF, SPD = 0,
2
µA
SUS = 0, V
IF = 3.6V, OE# = 0
I
BUS
USB Supply Current
D– and D+ are idle, V
BUS = 5.25V, SPD = 0
140
200
µA
SUS = 1, OE# = 1
D– and D+ are idle, V
BUS = 5.25V, SPD = 1
140
200
µA
SUS = 1, OE# = 1
D– and D+ are idle, V
BUS = 5.25V, SPD = 0
140
200
µA
SUS = 0, OE# = 0
D– and D+ are idle, V
BUS = 5.25V, SPD = 1
200
350
µA
SUS = 0, OE# = 1
D– and D+ active, C
LOAD = 50pF, SPD = 1,
mA
SUS = 0, V
BUS = 5.25V
D– and D+ active, C
LOAD = 600pF, SPD = 0
mA
SUS = 0, V
BUS = 5.25V
V
TRM
Termination Voltage
I
TRM = 2.5mA
3.0
3.6
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com