Electronic Components Datasheet Search
  English  ▼

X  

MIC2558 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2558
Description  PCMCIA Dual Card Socket VPP Switching Matrix
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2558 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2558 Datasheet HTML 1Page - Micrel Semiconductor MIC2558 Datasheet HTML 2Page - Micrel Semiconductor MIC2558 Datasheet HTML 3Page - Micrel Semiconductor MIC2558 Datasheet HTML 4Page - Micrel Semiconductor MIC2558 Datasheet HTML 5Page - Micrel Semiconductor MIC2558 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1997
2-11
MIC2558
Micrel
2
Absolute Maximum Ratings (Notes 1 and 2)
Power Dissipation, TAMBIENT ≤ 25°C
SOIC
800 mW
Derating Factors (To Ambient)
SOIC
4 mW/
°C
Storage Temperature
–65
°C to +150°C
Operating Temperature (Die)
125
°C
Operating Temperature (Ambient)
–40
°C to +85°C
Lead Temperature (5 sec)
260
°C
VDD
VDD
VPP IN
EN11
VPP OUT1
VCC1
VPP IN
HiZ/
LOW1
EN01
VDD
VDD
VDD
3
1
13
12
14
11
VDD
VPP IN
EN12
GND
VPP OUT2
VCC2
HiZ/
LOW2
EN02
VDD
VDD
VDD
5
6
10
9
8
VPP IN
VDD
4
7
Supply Voltage, VPP IN
15V
VCC
7.5V
VDD
7.5V
Logic Input Voltages
–0.3V toVDD
Output Current (each Output)
VPP OUT = 12V
600mA
VPP OUT = VCC
250mA
Logic Block Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com