Electronic Components Datasheet Search
  English  ▼

X  

MIC2561 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2561
Description  PCMCIA Card Socket VCC & VPP Switching Matrix
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2561 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2561 Datasheet HTML 1Page - Micrel Semiconductor MIC2561 Datasheet HTML 2Page - Micrel Semiconductor MIC2561 Datasheet HTML 3Page - Micrel Semiconductor MIC2561 Datasheet HTML 4Page - Micrel Semiconductor MIC2561 Datasheet HTML 5Page - Micrel Semiconductor MIC2561 Datasheet HTML 6Page - Micrel Semiconductor MIC2561 Datasheet HTML 7Page - Micrel Semiconductor MIC2561 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC2561
Micrel
1997
2-31
2
Absolute Maximum Ratings (Notes 1 and 2)
Power Dissipation, TAMBIENT ≤ 25°C .... Internally Limited
SOIC ............................................................ 800 mW
Derating Factors (To Ambient)
SOIC ........................................................... 4 mW/
°C
Storage Temperature ............................ –65
°C to +150°C
Maximum Operating Temperature (Die) ................ 125
°C
Operating Temperature (Ambient) .............. 0
°C to +70°C
Lead Temperature (5 sec) ...................................... 260
°C
Supply Voltage, VPP IN ................................................... 15V
VCC3 IN ....................................................... VCC5 IN
VCC5 IN ............................................................. 7.5V
Logic Input Voltages .................................. –0.3V to +15V
Output Current (each Output)
VPP OUT .............................................. Internally Limited
VCC OUT ............................................ Internally Limited
VCC OUT, Suspend Mode .............................. 600mA
VCC3 IN
EN1
GND
VPP OUT
VCC OUT
VPP IN
VCC5_EN
EN0
VCC5 IN
VCC3_EN
MIC2561
Control
Logic
Flag
ILimit / Thermal Shut Down
550m
Ω
700m
Ω
210m
Ω
2
Ω
110m
Ω
Pin Configuration
GND
7
6
5
4
3
2
11
10
12
13
14
8
9
VCC3 IN
VCC OUT
VCC5_EN
VCC3_EN
EN0
EN1
FLAG
VPP IN
VCC OUT
VCC5 IN
VPP OUT
VCC OUT
VCC3 IN
14-Pin SO Package
Note: Both V
CC3 IN pins must be connected.
All three V
CC OUT pins must be connected.
Logic Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com