Electronic Components Datasheet Search
  English  ▼

X  

ZL2005P Datasheet(PDF) 13 Page - Intersil Corporation

Part # ZL2005P
Description  Digital-DC™ Controller with Drivers and POLA/DOSA Trim
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2005P Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ZL2005P Datasheet HTML 9Page - Intersil Corporation ZL2005P Datasheet HTML 10Page - Intersil Corporation ZL2005P Datasheet HTML 11Page - Intersil Corporation ZL2005P Datasheet HTML 12Page - Intersil Corporation ZL2005P Datasheet HTML 13Page - Intersil Corporation ZL2005P Datasheet HTML 14Page - Intersil Corporation ZL2005P Datasheet HTML 15Page - Intersil Corporation ZL2005P Datasheet HTML 16Page - Intersil Corporation ZL2005P Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
13
FN6849.3
December 16, 2011
Figure 8. Pin-strap and Resistor Setting
Examples
Pin-strap Settings: This is the simplest implementa-
tion method, as no external components are required.
Using this method, each pin can take on one of three
possible states: GND, OPEN, or HIGH. These pins
can be connected to the VR or V25 pins for logic
HIGH settings, as either pin provides a regulated volt-
age greater than 2V. Using a single pin, the user can
select one of three settings, and using two pins, the
user can select one of nine settings.
Resistor Settings: This method allows a greater range
of adjustability when connecting a finite valued resis-
tor (in a specified range) between the multi-mode pin
and SGND. Standard 1% resistor values are used, and
only every fourth E96 resistor value is used so that the
device can reliably recognize the value of resistance
connected to the pin while eliminating the errors asso-
ciated with the resistor accuracy. A total of 25 unique
selections are available using a single resistor.
I2C/SMBus Settings: Almost any ZL2005P function
can be configured via the I2C/SMBus interface using
standard PMBus commands. Additionally, any value
that has been configured using the pin-strap or resistor
setting methods can also be re-configured and/or veri-
fied via the I2C/SMBus. See Application Note
AN2013 for details.
The SMBus device address and VOUT_MAX are the
only parameters that must be set by external pins. All
other device parameters can be set via the I2C/SMBus.
the device address is set using the SA0 and SA1 pins.
The VOUT_MAX is determined as 10% greater than
the voltage set by the V0/V1 pins or VADJ pin.
ZL
Multi-mode Pin
ZL
RSET
Logic
high
Logic
low
Open
Pin-strap
Settings
Resistor
Settings
Multi-mode Pin
ZL2005P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com