Electronic Components Datasheet Search
  English  ▼

X  

MIC2564A Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2564A
Description  Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2564A Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2564A Datasheet HTML 1Page - Micrel Semiconductor MIC2564A Datasheet HTML 2Page - Micrel Semiconductor MIC2564A Datasheet HTML 3Page - Micrel Semiconductor MIC2564A Datasheet HTML 4Page - Micrel Semiconductor MIC2564A Datasheet HTML 5Page - Micrel Semiconductor MIC2564A Datasheet HTML 6Page - Micrel Semiconductor MIC2564A Datasheet HTML 7Page - Micrel Semiconductor MIC2564A Datasheet HTML 8Page - Micrel Semiconductor MIC2564A Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MIC2564A
Micrel
MIC2564A
2
September 1999
Pin Configuration
2
A VCC OUT
3
VCC5 IN
4
A FLAG
5
SDA
6
SCL
7
RST#
1
V
CC5 IN
8
SLA
9
B FLAG
A VCC OUT
24
VCC3 IN
23
A VCC OUT
22
GND
21
A VPP OUT
20
VPP IN
19
10
VCC5 IN
18
17
16
15
B VCC OUT
GND
B VPP OUT
VPP IN
11
14
12
13
B VCC OUT
VCC5 IN
VCC3 IN
B VCC OUT
24-lead SSOP (SM)
24-lead TSSOP (TS)
Pin Description
Pin Number
Pin Name
Pin Function
1,3,10,12
V
CC5 IN
5V Supply Input: Optional system power supply connection. Required only
for 5V V
CC and VPP output voltage.
2,22,24
A V
CC OUT
Slot A V
CC Output: Pins 2, 22, and 24 must be externally connected
together.
4
A FLAG
Channel A V
CC and VPP Output Monitor (Output): Low on error condition.
5
SDA
Serial Data (Input)
6
SCL
Serial Clock (Input)
7
RST#
System Reset (Input): Active low signal deactivates the MIC2564A, clearing
the serial registers and forcing the four power outputs to 0V (GND).
8
SLA
Serial Data Latch (Input)
9
B FLAG
Channel B V
CC and VPP Output Monitor (Output): Low on error condition.
11,13,15
B V
CC OUT
Slot B V
CC Output: Pins 11, 13, and 15 must be externally connected
together.
14,23
V
CC3 IN
3.3V Supply Input: Required system power supply connection. Powers 3.3V
V
CC and VPP outputs and all internal circuitry.
16,21
GND
Ground
17
B V
PP OUT
Slot B V
PP Output
18,19
V
PP IN
12V Supply Input: Optional system power supply connection. Required only
for 12V V
PP output voltage.
20
A V
PP OUT
Slot A V
PP Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com