Electronic Components Datasheet Search
  English  ▼

X  

MIC2755 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2755
Description  Battery System Supervisor Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2755 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2755 Datasheet HTML 1Page - Micrel Semiconductor MIC2755 Datasheet HTML 2Page - Micrel Semiconductor MIC2755 Datasheet HTML 3Page - Micrel Semiconductor MIC2755 Datasheet HTML 4Page - Micrel Semiconductor MIC2755 Datasheet HTML 5Page - Micrel Semiconductor MIC2755 Datasheet HTML 6Page - Micrel Semiconductor MIC2755 Datasheet HTML 7Page - Micrel Semiconductor MIC2755 Datasheet HTML 8Page - Micrel Semiconductor MIC2755 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC2755
Micrel
MIC2755
2
February 2000
Pin Description
Pin Number
Pin Name
Pin Function
1
RTH(/MR)
Power-On Reset Threshold (Analog Input): Comparator input assigned to
battery-OK condition detection. When the level on this pin first exceeds
V
REF, the reset generator cycles. The /RST output is held low for a minimum
of 700ms and the /POF threshold output is deasserted.
2
NTH
Nonmaskable Interrupt Threshold (Analog Input): Voltage monitor input
assigned to “low battery” condition detection. When the level on this pin falls
below V
REF, the /NMI output is asserted.
3
PTH
Power-Off Threshold (Analog Input): Voltage monitor input assigned to
“dead battery” condition detection. When the level on this pin falls below
V
REF, the /RST and /POF outputs are asserted. The condition is latched until
a reset cycle occurs (V
RTH > VREF).
4
GND
Ground: Power and signal return for all IC functions.
5
/POF
Power-off (Output): Active-low, open-drain output. Asserted and latched
when V
PTH < VREF, which is a “dead battery” condition. The system is held
in reset until the battery is replaced and a power-on reset cycle occurs.
6
/NMI
Nonmaskable Interrupt (Output): Active-low, open-drain output. Asserted
when V
NTH < VREF, which is a “low battery” condition. This indicates high-
power system operation should not be allowed.
7
/RST
Reset (Output): Active-low, open-drain output. Asserted for a minimum of
700ms at power-on or anytime V
PTH drops below VREF. Also asserted for
175ms minimum when RTH (/MR) is externally pulled low (manual reset).
8
VDD
(Analog Input): Power supply input.
Pin Configuration
1
RTH(/MR)
NTH
PTH
GND
8
VDD
/RST
/NMI
/POF
7
6
5
2
3
4
8-Lead MSOP (MM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com