Electronic Components Datasheet Search
  English  ▼

X  

MIC2774 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2774
Description  Dual Micro-Power Low Voltage Supervisor Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2774 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2774 Datasheet HTML 1Page - Micrel Semiconductor MIC2774 Datasheet HTML 2Page - Micrel Semiconductor MIC2774 Datasheet HTML 3Page - Micrel Semiconductor MIC2774 Datasheet HTML 4Page - Micrel Semiconductor MIC2774 Datasheet HTML 5Page - Micrel Semiconductor MIC2774 Datasheet HTML 6Page - Micrel Semiconductor MIC2774 Datasheet HTML 7Page - Micrel Semiconductor MIC2774 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIC2774
Micrel
MIC2774
4
September 29, 2000
Timing Diagram
V/MR
VIH
VIL
VIN
0V
VTH
VDD
0V
V/RST
(ACTIVE LOW)
VOH
VOL
VRST
(ACTIVE HIGH)
VOH
VOL
tRST
tRST
> tMIN
tRST
VHYST
A
A
A
VREF
VHYST
Propagation delays not shown for clarity.
Note A.
The MIC2774 ignores very brief transients.
See “Applications Information” for details.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com