Electronic Components Datasheet Search
  English  ▼

X  

MIC2779 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2779
Description  Voltage Monitor with Adjustable Hysteresis Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2779 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2779 Datasheet HTML 1Page - Micrel Semiconductor MIC2779 Datasheet HTML 2Page - Micrel Semiconductor MIC2779 Datasheet HTML 3Page - Micrel Semiconductor MIC2779 Datasheet HTML 4Page - Micrel Semiconductor MIC2779 Datasheet HTML 5Page - Micrel Semiconductor MIC2779 Datasheet HTML 6Page - Micrel Semiconductor MIC2779 Datasheet HTML 7Page - Micrel Semiconductor MIC2779 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
June 2000
1
MIC2779
MIC2779
Micrel
MIC2779
Voltage Monitor with Adjustable Hysteresis
Preliminary Information
General Description
The MIC2779 is a voltage monitor—uniquely designed to
detect two separate voltage thresholds—combined with a
delay generator and logic. It is designed for monitoring the
battery supply of portable digital systems, particularly PDAs,
pagers, and cellular telephones.
High- and low-voltage thresholds can be adjusted indepen-
dently, allowing for wide hysteresis. Voltage detection thresh-
olds are accurate to 2%.
If the battery voltage falls below the low-voltage threshold, the
output /RST or RST is asserted and latched, preventing
system operation until the battery is replaced or recharged.
Internal logic prevents the output from chattering due to
battery recovery or load removal. The output is asserted for
140ms (minimum) when a fresh battery is inserted. For
applications requiring open-drain output, see MIC2778/
MIC833.
The IC’s power supply input is separate from the detector
inputs, allowing the MIC2779 to be powered from a down-
stream supply, such a boost converter. Supply current is
extremely low (1
µA, typical), making it ideal for portable
applications.
A high-precision 1% grade is available. The MIC2779 is
supplied in Micrel’s IttyBitty™ 5-lead SOT-23-5 package.
Typical Application
HTH
/RST
VDD
LTH
GND
MIC2779L
604k
1%
56k
1%
340k
1%
EN
OUT
IN
BYP
GND
MIC5207-3.0BM5
Li-Ion
Cell
470pF
VOUT
3.0V
4.7µF
VBAT(hi) = 3.6V
VBAT(lo) = 3.1V
Cellular Telephone Battery Monitor
Features
• Optimized for PDAs, cellular telephones, pagers,
and other battery-powered devices
• Independently adjustable high- and
low-voltage thresholds
• Internal logic prevents battery-voltage-fluctuation chatter
• High
±2% voltage threshold accuracy; 1% available
• Built in 140ms (minimum) delay deglitches output
• Extremely low 1
µA typical supply current
• For applications requiring open-drain output, see
MIC2778/MIC833
• Immune to brief power supply transients
• 5-lead SOT-23 package
Applications
• PDAs
• Pagers
• Cordless phones
• Consumer electronics
• Embedded controllers
• Personal electronics
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
IttyBitty™ is a trademark of Micrel, Inc.


Similar Part No. - MIC2779

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779 Datasheet
148Kb / 6P
Voltage Monitor with Adjustable Hysteresis
MIC2779H-1BM5 MICREL-MIC2779H-1BM5 Datasheet
148Kb / 6P
Voltage Monitor with Adjustable Hysteresis
MIC2779H-2BM5 MICREL-MIC2779H-2BM5 Datasheet
148Kb / 6P
Voltage Monitor with Adjustable Hysteresis
MIC2779L-1BM5 MICREL-MIC2779L-1BM5 Datasheet
148Kb / 6P
Voltage Monitor with Adjustable Hysteresis
MIC2779L-2BM5 MICREL-MIC2779L-2BM5 Datasheet
148Kb / 6P
Voltage Monitor with Adjustable Hysteresis
More results

Similar Description - MIC2779

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2778 MICREL-MIC2778 Datasheet
65Kb / 8P
Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Texas Instruments
TPS3806J20 TI-TPS3806J20 Datasheet
169Kb / 9P
DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
PRELIMINARY INFORMATION
logo
Micrel Semiconductor
MIC2778 MICREL-MIC2778_05 Datasheet
169Kb / 6P
Voltage Monitor with Adjustable Hysteresis
MIC2779 MICREL-MIC2779_06 Datasheet
148Kb / 6P
Voltage Monitor with Adjustable Hysteresis
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
logo
Texas Instruments
TPS3806I33-Q1 TI1-TPS3806I33-Q1 Datasheet
790Kb / 15P
Dual Voltage Detector With Adjustable Hysteresis
TPS3806J20 TI1-TPS3806J20_15 Datasheet
588Kb / 14P
Dual Voltage Detector with Adjustable Hysteresis
TPS3806J20 TI1-TPS3806J20_16 Datasheet
805Kb / 14P
Dual Voltage Detector with Adjustable Hysteresis
logo
Maxim Integrated Produc...
MAX9601EVKIT MAXIM-MAX9601EVKIT Datasheet
2Mb / 6P
Adjustable Hysteresis
Rev 0; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com