Electronic Components Datasheet Search
  English  ▼

X  

MIC2937A Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2937A
Description  750mA Low-Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2937A Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2937A Datasheet HTML 1Page - Micrel Semiconductor MIC2937A Datasheet HTML 2Page - Micrel Semiconductor MIC2937A Datasheet HTML 3Page - Micrel Semiconductor MIC2937A Datasheet HTML 4Page - Micrel Semiconductor MIC2937A Datasheet HTML 5Page - Micrel Semiconductor MIC2937A Datasheet HTML 6Page - Micrel Semiconductor MIC2937A Datasheet HTML 7Page - Micrel Semiconductor MIC2937A Datasheet HTML 8Page - Micrel Semiconductor MIC2937A Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MIC2937A/29371/29372
Micrel
October 1999
19
MIC2937A/29371/29372
Ordering Information
Part Number
Voltage
Temperature Range*
Package
MIC2937A-3.3BU
3.3
–40
°C to +125°C
TO-263-3
MIC2937A-3.3BT
3.3
–40
°C to +125°C
TO-220
MIC2937A-5.0BU
5.0
–40
°C to +125°C
TO-263-3
MIC2937A-5.0BT
5.0
–40
°C to +125°C
TO-220
MIC2937A-12BU
12
–40
°C to +125°C
TO-263-3
MIC2937A-12BT
12
–40
°C to +125°C
TO-220
MIC29371-3.3BT
3.3
–40
°C to +125°C
TO-220-5
MIC29371-3.3BU
3.3
–40
°C to +125°C
TO-263-5
MIC29371-5.0BT
5.0
–40
°C to +125°C
TO-220-5
MIC29371-5.0BU
5.0
–40
°C to +125°C
TO-263-5
MIC29371-12BT
12
–40
°C to +125°C
TO-220-5
MIC29371-12BU
12
–40
°C to +125°C
TO-263-5
MIC29372BT
Adj
–40
°C to +125°C
TO-220-5
MIC29372BU
Adj
–40
°C to +125°C
TO-263-5
Absolute Maximum Ratings
If Military/Aerospace specified devices
are required, contact your local Micrel
representative/distributor for availability
and specifications.
Power Dissipation (Note 1) .............. Internally Limited
Lead Temperature (Soldering, 5 seconds) ........ 260
°C
Storage Temperature Range ............ –65
°C to +150°C
Operating Junction Temperature Range
................................................. –40
°C to +125°C
TO-220
θ
JC ...................................................... 2.5°C/W
TO-263
θ
JC ...................................................... 2.5°C/W
Input Supply Voltage ............................... –20V to +60V
Operating Input Supply Voltage ................... 2V† to 26V
Adjust Input Voltage (Notes 9 and 10)
...................................................... –1.5V to +26V
Shutdown Input Voltage ......................... –0.3V to +30V
Error Comparator Output Voltage .......... –0.3V to +30V
† Across the full operating temperature, the minimum
input voltage range for full output current is 4.3V to 26V.
Output will remain in-regulation at lower output voltages
and low current loads down to an input of 2V at 25
°C.
* Junction temperatures



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com