Electronic Components Datasheet Search
  English  ▼

X  

MIC2940A Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2940A
Description  1.25A Low-Dropout Voltage Regulator Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2940A Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2940A Datasheet HTML 1Page - Micrel Semiconductor MIC2940A Datasheet HTML 2Page - Micrel Semiconductor MIC2940A Datasheet HTML 3Page - Micrel Semiconductor MIC2940A Datasheet HTML 4Page - Micrel Semiconductor MIC2940A Datasheet HTML 5Page - Micrel Semiconductor MIC2940A Datasheet HTML 6Page - Micrel Semiconductor MIC2940A Datasheet HTML 7Page - Micrel Semiconductor MIC2940A Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC2940A/2941A
Micrel
MIC2940A/2941A
2
June 1999
Absolute Maximum Ratings
If Military/Aerospace specified devices
are required, contact your local Micrel
representative/distributor for availability
and specifications.
Power Dissipation (Note 1) ............... Internally Limited
Lead Temperature (Soldering, 5 seconds) ........ 260
°C
Storage Temperature Range ............ –65
°C to +150°C
Operating Junction Temperature Range
................................................. –40
°C to +125°C
TO-220
θ
JC ........................................................ 2 °C/W
TO-263
θ
JC ........................................................ 2 °C/W
Input Supply Voltage ............................... –20V to +60V
Operating Input Supply Voltage .................. 2V† to 26V
Adjust Input Voltage (Notes 9 and 10)
...................................................... –1.5V to +26V
Shutdown Input Voltage ......................... –0.3V to +30V
Error Comparator Output Voltage .......... –0.3V to +30V
† Across the full operating temperature, the minimum
input voltage range for full output current is 4.3V to 26V.
Output will remain in-regulation at lower output voltages
and low current loads down to an input of 2V at 25
°C.
FEEDBACK
SENSE
Q15A
OUT
Q24
Q26
R27
V TAP
R28
R18
20k
Ω
Q25
Q23
Q22
R15
100 k
Ω
R16
30 k
Ω
Q29
Q28
R17
10
Ω
R21 8
Ω
R17
12 k
Ω
Q31
Q30
R23 60 k
Ω
SHDN
R24
50 k
Ω
R22
150 k
Ω
Q21
Q19
C2
40 pF
R14
350
k
Ω
Q14
R13
100
k
Ω
Q18
R12
110
k
Ω
Q20
Q9
Q15B
Q8
Q7
R11
20.6
k
Ω
Q5
R8
31.4 k
Ω
R10
150
k
Ω
R9
27.8 k
Ω
Q11
Q12
Q13
R6
140
k
Ω
R5
180
k
Ω
R4
13 k
Ω
R3
50 k
Ω
Q2
C1
20
pF
Q4
Q3
R11
18
k
Ω
Q6
Q1
10
R1
20 k
Ω
R2
50 k
Ω
Q41
R30
30
k
Ω
Q40
Q34
GND
Q36
Q37
R25
2.8 k
Ω
Q38
ERROR
R26
60 k
Ω
Q39
DENOTES CONNECTION ON FIXED
VOLTAGE VERSIONS ONLY
Q42
Q16
Q17
50 k
Ω
10 k
Ω
IN
Schematic Diagram
Ordering Information
Part Number
Voltage
Temperature Range*
Package
MIC2940A-3.3BT
3.3
–40
°C to +125°C
TO-220
MIC2940A-3.3BU
3.3
–40
°C to +125°C
TO-263
MIC2940A-5.0BT
5.0
–40
°C to +125°C
TO-220
MIC2940A-5.0BU
5.0
–40
°C to +125°C
TO-263
MIC2940A-12BT
12
–40
°C to +125°C
TO-220
MIC2940A-12BU
12
–40
°C to +125°C
TO-263
MIC2941ABT
Adj
–40
°C to +125°C
TO-220-5
MIC2941ABU
Adj
–40
°C to +125°C
TO-263-5
* Junction temperatures



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com