Electronic Components Datasheet Search
  English  ▼

X  

MIC2950 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2950
Description  150mA Low-Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2950 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2950 Datasheet HTML 1Page - Micrel Semiconductor MIC2950 Datasheet HTML 2Page - Micrel Semiconductor MIC2950 Datasheet HTML 3Page - Micrel Semiconductor MIC2950 Datasheet HTML 4Page - Micrel Semiconductor MIC2950 Datasheet HTML 5Page - Micrel Semiconductor MIC2950 Datasheet HTML 6Page - Micrel Semiconductor MIC2950 Datasheet HTML 7Page - Micrel Semiconductor MIC2950 Datasheet HTML 8Page - Micrel Semiconductor MIC2950 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MIC2950/2951
Micrel
3-52
February 1999
Parameter
Condition
Min
Typ
Max
Units
Load Regulation
MIC295x-02/-05 (
±0.5%), 100µA ≤ I
L ≤ 150mA, Note 10
0.04
0.10
%
0.20
%
MIC295x-03/-06 (
±1%), 100µA ≤ I
L ≤ 150mA, Note 10
0.10
0.20
%
0.30
%
MIC2951-3.3 (
±1%), 100µA ≤ I
L ≤ 150mA, Note 10
0.10
0.20
%
0.30
%
MIC2951-4.8 (
±1%), 100µA ≤ I
L ≤ 150mA, Note 10
0.10
0.20
%
0.30
%
Dropout Voltage
MIC295x-02/-03/-05/-06, I
L = 100µA, Note 12
40
80
mV
140
mV
MIC295x-02/-03/-05/-06, I
L = 100mA, Note 12
250
300
mV
MIC295x-02/-03/-05/-06, I
L = 150mA, Note 12
300
450
mV
600
mV
MIC2951-3.3 (
±1%), I
L = 100µA, Note 12
40
80
mV
150
mV
MIC2951-3.3 (
±1%), I
L = 100mA, Note 12
250
350
mV
MIC2951-3.3 (
±1%), I
L = 150mA, Note 12
320
450
mV
600
mV
MIC2951-4.8 (
±1%), I
L = 100µA, Note 12
40
80
mV
140
mV
MIC2951-4.8 (
±1%), I
L = 100mA, Note 12
250
300
mV
MIC2951-4.8 (
±1%), I
L = 150mA, Note 12
300
450
mV
600
mV
Ground Current
MIC295x-02/-03/-05/-06, I
L = 100µA
120
180
µA
300
µA
MIC295x-02/-03/-05/-06, I
L = 100mA
1.7
2.5
mA
3.5
mA
MIC295x-02/-03/-05/-06, I
L = 150mA
4
6
mA
8
mA
MIC2951-3.3 (
±1%), I
L = 100µA
100
180
µA
300
µA
MIC2951-3.3 (
±1%), I
L = 100mA
1.7
2.5
mA
MIC2951-3.3 (
±1%), I
L = 150mA
4
6
mA
10
mA
MIC2951-4.8 (
±1%), I
L = 100µA
120
180
µA
300
µA
MIC2951-4.8 (
±1%), I
L = 100mA
1.7
2.5
mA
3.5
mA
MIC2951-4.8 (
±1%), I
L = 150mA
4
6
mA
8
mA
Dropout Ground Current
MIC295x-02/-03/-05/-06 (
±0.5%), V
IN = 4.5V, IL = 100µA
280
350
µA
400
µA
MIC2951-3.3 (
±1%), V
IN = 3.0V, IL = 100µA
150
350
µA
400
µA
MIC2951-4.8 (
±1%), V
IN = 4.3V, IL = 100µA
280
350
µA
400
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com