Electronic Components Datasheet Search
  English  ▼

X  

MIC2954 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2954
Description  250mA Low-Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2954 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2954 Datasheet HTML 1Page - Micrel Semiconductor MIC2954 Datasheet HTML 2Page - Micrel Semiconductor MIC2954 Datasheet HTML 3Page - Micrel Semiconductor MIC2954 Datasheet HTML 4Page - Micrel Semiconductor MIC2954 Datasheet HTML 5Page - Micrel Semiconductor MIC2954 Datasheet HTML 6Page - Micrel Semiconductor MIC2954 Datasheet HTML 7Page - Micrel Semiconductor MIC2954 Datasheet HTML 8Page - Micrel Semiconductor MIC2954 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC2954
Micrel
MIC2954
2
August 1999
Pin Configuration
1
2
3
4
8
7
6
5
IN
FB
TAP
ERR
OUT
SNS
SHDN
GND
MIC2954
SOP-8 (M)
GND
OUT
IN
32
1
TO-92 (Z)
IN
OUT
GND
13
2
TAB
GND
SOT-223 (S)
3
OUT
2
GND
1IN
TO-220 (T)
Ordering Information
Part Number
Accuracy
Junc. Temp. Range
Package
MIC2954-02BT
0.5%
–40
°C to +125°C
TO-220
MIC2954-03BT
1.0%
–40
°C to +125°C
TO-220
MIC2954-02BS
0.5%
–40
°C to +125°C
SOT-223
MIC2954-03BS
1.0%
–40
°C to +125°C
SOT-223
MIC2954-02BZ
0.5%
–40
°C to +125°C
TO-92
MIC2954-03BZ
1.0%
–40
°C to +125°C
TO-92
MIC2954-07BM
0.5%
–40
°C to +125°C
SOP-8
MIC2954-08BM
1.0%
–40
°C to +125°C
SOP-8
Pin Description
Pin No.
Pin No.
Pin No.
Pin No.
Pin Name
Pin Function
SOT-223
SOP-8
TO-220
TO-92
1
8
1
1
IN
Supply Input
2, TAB
4
2
2
GND
Ground
3
1
3
3
OUT
Regulator Output
2
SNS
Sense (Input): Output-sense-voltage end of internal resistive
divider. Connect to OUT (V
OUT = 5V) for fixed 5V operation;
also see TAP. Not used in adjustable configuration.
3
SHDN
Shutdown (Input): Active-low input enables regulator.
(Low = enable; high = shutdown.)
5
ERR
Error Flag (Output): Open collector (active-low) output. Active
state indicates an output (V
OUT) undervoltage condition.
(Low = error, floating = normal.)
6
TAP
Divider Tap (Output): Resistive voltage divider tap. With 5V
applied to SNS, V
TAP is approximately 1.23V. Connect to
FB for 5V operation. Not used in adjustable configuration.
7
FB
Feedback (Input): Error amplifier input. Compared to internal
1.23V reference. Connect to external voltage divider for
adjustable operation or internal voltage divider (TAP) for 5V
operation (see SNS, TAP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com