Electronic Components Datasheet Search
  English  ▼

X  

MIC2981 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2981
Description  High-Voltage High-Current Source Driver Array Preliminary Information
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2981 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2981 Datasheet HTML 1Page - Micrel Semiconductor MIC2981 Datasheet HTML 2Page - Micrel Semiconductor MIC2981 Datasheet HTML 3Page - Micrel Semiconductor MIC2981 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MIC2981/2982
Micrel
MIC2981/2982
4
November 1999
Package Information
0.020
(0.508)
0.018
±0.003
(0.457
±0.076)
PIN 1
0.920
(23.370)
.250
±0.005
(6.350
±0.127)
0.060
±0.005
(1.524
±0.127)
0.100
±0.010
(2.540
±0.254)
MAX
0.125
(3.175)
MIN
0.020
(0.508)
MIN
0.130
±0.005
(3.302
±0.127)
+0.025
–0.015
+0.635
–0.381
0.325
8.255
()
0
°-10°
0.290-0.320
(7.336-8.128)
0.040
(1.016)
TYP
0.030-0.110
(0.762-2.794)
RAD
18-Pin Plastic DIP (N)
0.022 (0.559)
0.018 (0.457)
5
°
TYP
0.408 (10.363)
0.404 (10.262)
0.459 (11.659)
0.455 (11.557)
0.103 (2.616)
0.099 (2.515)
SEATING
PLANE
0.027 (0.686)
0.031 (0.787)
0.016 (0.046)
TYP
0.301 (7.645)
0.297 (7.544)
0.094 (2.388)
0.090 (2.286)
0.297 (7.544)
0.293 (7.442)
10
° TYP
0.032 (0.813) TYP
0.330 (8.382)
0.326 (8.280)
7
°
TYP
0.050 (1.270)
TYP
0.015
(0.381)
R
0.015
(0.381)
MIN
PIN 1
DIMENSIONS:
INCHES (MM)
18-Pin Wide SOP (WM)
MICREL INC.
1849 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 944-0970 WEB http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or
other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc.
© 1999 Micrel Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com