Electronic Components Datasheet Search
  English  ▼

X  

MIC2941ABT Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2941ABT
Description  1.25A Low-Dropout Voltage Regulator Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2941ABT Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2941ABT Datasheet HTML 1Page - Micrel Semiconductor MIC2941ABT Datasheet HTML 2Page - Micrel Semiconductor MIC2941ABT Datasheet HTML 3Page - Micrel Semiconductor MIC2941ABT Datasheet HTML 4Page - Micrel Semiconductor MIC2941ABT Datasheet HTML 5Page - Micrel Semiconductor MIC2941ABT Datasheet HTML 6Page - Micrel Semiconductor MIC2941ABT Datasheet HTML 7Page - Micrel Semiconductor MIC2941ABT Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIC2940A/2941A
Micrel
MIC2940A/2941A
4
June 1999
Electrical Characteristics (MIC2941A Only)
Parameter
Conditions
Min
Typical
Max
Units
Reference Voltage
1.223
1.235
1.247
V
1.210
1.260
V max
Reference Voltage
(Note 8)
1.204
1.266
V
Adjust Pin
20
40
nA
Bias Current
60
Reference Voltage
20
ppm/
°C
Temperature
Coefficient
Adjust Pin Bias
0.1
nA/
°C
Current Temperature
Coefficient
Shutdown Input
Input Logic Voltage
1.3
V
Low (ON)
0.7
High (OFF)
2.0
Shutdown Pin
V
SHUTDOWN
= 2.4V
30
50
µA
Input Current
100
V
SHUTDOWN
= 26V
450
600
µA
750
Regulator Output
(Note 10)
330
µA
Current in Shutdown
60
Note 1:
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not
apply when operating the device outside of its rated operating conditions. The maximum allowable power dissipation is a function of the
maximum junction temperature, T
J (MAX), the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation at any ambient temperature is calculated using: P
(MAX) = (TJ(MAX) – TA) / θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
Note 2:
Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 3:
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Changes in output voltage due to
heating effects are covered by the thermal regulation specification.
Note 4:
Dropout Voltage is defined as the input to output differential at which the output voltage drops 100 mV below its nominal value
measured at 1V differential. At low values of programmed output voltage, the minimum input supply voltage of 4.3V over temperature must
be taken into account.
Note 5:
Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the load current plus
the ground pin current.
Note 6:
The MIC2940A features fold-back current limiting. The short circuit (V
OUT = 0V) current limit is less than the maximum current with
normal output voltage.
Note 7:
Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding
load or line regulation effects. Specifications are for a 200mA load pulse at V
IN = 20V (a 4W pulse) for T = 10ms.
Note 8:
V
REF ≤
V
OUT ≤
(V
IN
– 1 V), 4.3V
≤ V
IN ≤
26V, 5mA < I
L ≤
1.25A, T
J ≤ TJ MAX.
Note 9:
Circuit of Figure 3 with R1
≥ 150kΩ. V
SHUTDOWN ≥
2 V and V
IN ≤
26 V,V
OUT
= 0.
Note 10: When used in dual supply systems where the regulator load is returned to a negative supply, the output voltage must be diode
clamped to ground.
Note 11: Maximum positive supply voltage of 60 V must be of limited duration (< 100 ms) and duty cycle (
≤ 1%). The maximum continuous
supply voltage is 26V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com