Electronic Components Datasheet Search
  English  ▼

X  

MIC39300 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC39300
Description  3A Low-Voltage Low-Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39300 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC39300 Datasheet HTML 1Page - Micrel Semiconductor MIC39300 Datasheet HTML 2Page - Micrel Semiconductor MIC39300 Datasheet HTML 3Page - Micrel Semiconductor MIC39300 Datasheet HTML 4Page - Micrel Semiconductor MIC39300 Datasheet HTML 5Page - Micrel Semiconductor MIC39300 Datasheet HTML 6Page - Micrel Semiconductor MIC39300 Datasheet HTML 7Page - Micrel Semiconductor MIC39300 Datasheet HTML 8Page - Micrel Semiconductor MIC39300 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2000
1
MIC39300/39301
MIC39300/39301
Micrel
MIC39300/39301
3A Low-Voltage Low-Dropout Regulator
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
General Description
The MIC39300 and MIC39301 are 3.0A low-dropout linear
voltage regulators that provide a low voltage, high-current
output with a minimum of external components. Utilizing
Micrel’s proprietary Super
βeta PNP™ pass element, the
MIC39300/1 offers extremely low dropout (typically 400mV at
3.0A) and low ground current (typically 36mA at 3.0A).
The MIC39300/1 is ideal for PC add-in cards that need to
convert from standard 5V or 3.3V down to new, lower core
voltages. A guaranteed maximum dropout voltage of 500mV
over all operating conditions allows the MIC39300/1 to pro-
vide 2.5V from a supply as low as 3V. The MIC39300/1 also
has fast transient response for heavy switching applications.
The device requires only 47
µF of output capacitance to
maintain stability and achieve fast transient response
The MIC39300/1 is fully protected with overcurrent limiting,
thermal shutdown, reversed-battery protection, reversed-
leakage protection, and reversed-lead insertion. The
MIC39301 offers a TTL-logic compatible enable pin and an
error flag that indicates under voltage and over current
conditions. Offered in fixed voltages, the MIC39300/1 comes
in the TO-220 and TO-263 packages and is an ideal upgrade
to older, NPN-based linear voltage regulators.
Typical Application
MIC39300-2.5
IN
OUT
GND
47µF
VIN
3.3V
VOUT
2.5V
MIC39300
Features
• 3.0A minimum guaranteed output current
• 500mV maximum dropout voltage over temperature
Ideal for 3.0V to 2.5V conversion
• 1% initial accuracy
• Low ground current
• Current limiting and Thermal shutdown
• Reversed-battery protection
• Reversed-leakage protection
• Fast transient response
• TO-263 and TO-220 packaging
• TTL/CMOS compatible enable pin (MIC39301 only)
• Error flag output (MIC39301 only)
Applications
• LDO linear regulator for PC add-in cards
• High-efficiency linear power supplies
• SMPS post regulator
• Multimedia and PC processor supplies
• Low-voltage microcontrollers
• StrongARM™ processor supply
StrongARM is a trademark of Advanced RISC Machines, Ltd.
Ordering Information
Part Number
Voltage
Junction Temp. Range
Package
MIC39300-2.5BT
2.5V
–40
°C to +125°C
3-lead TO-220
MIC39300-2.5BU
2.5V
–40
°C to +125°C
3-lead TO-263
MIC39301-2.5BT
2.5V
–40
°C to +125°C
5-lead TO-220
MIC39301-2.5BU
2.5V
–40
°C to +125°C
5-lead TO-263
MIC39301-2.5
IN
OUT
GND
47µF
VIN
3.3V
VOUT
2.5V
EN
FLG
ERROR FLAG
OUTPUT
ENABLE
SHUTDOWN
100k
Ω
MIC39301


Similar Part No. - MIC39300

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39300 MICREL-MIC39300 Datasheet
322Kb / 13P
3A, Low-Voltage Low-Dropout Regulator
logo
Microchip Technology
MIC39300 MICROCHIP-MIC39300 Datasheet
2Mb / 24P
3A, Low Voltage Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC39300-1.8BT MICREL-MIC39300-1.8BT Datasheet
322Kb / 13P
3A, Low-Voltage Low-Dropout Regulator
MIC39300-1.8BU MICREL-MIC39300-1.8BU Datasheet
322Kb / 13P
3A, Low-Voltage Low-Dropout Regulator
MIC39300-1.8WT MICREL-MIC39300-1.8WT Datasheet
322Kb / 13P
3A, Low-Voltage Low-Dropout Regulator
More results

Similar Description - MIC39300

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
3A Low Dropout Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM39300 HTC-LM39300 Datasheet
281Kb / 8P
3A Low-Voltage Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC39300 MICREL-MIC39300_09 Datasheet
322Kb / 13P
3A, Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM39300 HTC-LM39300_08 Datasheet
271Kb / 8P
3A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
3A Low Dropout Voltage Regulator
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
3A Low Dropout Voltage Regulator
logo
Microchip Technology
MIC39300 MICROCHIP-MIC39300 Datasheet
2Mb / 24P
3A, Low Voltage Low Dropout Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com