Electronic Components Datasheet Search
  English  ▼

X  

MIC4420 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4420
Description  6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4420 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4420 Datasheet HTML 1Page - Micrel Semiconductor MIC4420 Datasheet HTML 2Page - Micrel Semiconductor MIC4420 Datasheet HTML 3Page - Micrel Semiconductor MIC4420 Datasheet HTML 4Page - Micrel Semiconductor MIC4420 Datasheet HTML 5Page - Micrel Semiconductor MIC4420 Datasheet HTML 6Page - Micrel Semiconductor MIC4420 Datasheet HTML 7Page - Micrel Semiconductor MIC4420 Datasheet HTML 8Page - Micrel Semiconductor MIC4420 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
April 1998
5-33
MIC4420/4429
Micrel
5
Ordering Information
Part No.
Temperature Range
Package
Configuration
MIC4420CN
0
°C to +70°C
8-Pin PDIP
Non-Inverting
MIC4420BN
–40
°C to +85°C
8-Pin PDIP
Non-Inverting
MIC4420CM
0
°C to +70°C
8-Pin SOIC
Non-Inverting
MIC4420BM
–40
°C to +85°C
8-Pin SOIC
Non-Inverting
MIC4420BMM
–40
°C to +85°C
8-Pin MSOP
Non-Inverting
MIC4420CT
0
°C to +70°C
5-Pin TO-220
Non-Inverting
MIC4429CN
0
°C to +70°C
8-Pin PDIP
Inverting
MIC4429BN
–40
°C to +85°C
8-Pin PDIP
Inverting
MIC4429CM
0
°C to +70°C
8-Pin SOIC
Inverting
MIC4429BM
–40
°C to +85°C
8-Pin SOIC
Inverting
MIC4429BMM
–40
°C to +85°C
8-Pin MSOP
Inverting
MIC4429CT
0
°C to +70°C
5-Pin TO-220
Inverting
Pin Configurations
1
2
3
4
8
7
6
5
VS
OUT
OUT
GND
VS
IN
NC
GND
Plastic DIP (N)
SOIC (M)
MSOP (MM)
5
OUT
4
GND
3VS
2
GND
1IN
TO-220-5 (T)
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
TO-220-5
DIP, SOIC, MSOP
1
2
IN
Control Input
2, 4
4, 5
GND
Ground: Duplicate pins must be externally connected together.
3, TAB
1, 8
V
S
Supply Input: Duplicate pins must be externally connected together.
5
6, 7
OUT
Output: Duplicate pins must be externally connected together.
3
NC
Not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com