Electronic Components Datasheet Search
  English  ▼

X  

MIC4423 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC4423
Description  Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4423 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC4423 Datasheet HTML 3Page - Micrel Semiconductor MIC4423 Datasheet HTML 4Page - Micrel Semiconductor MIC4423 Datasheet HTML 5Page - Micrel Semiconductor MIC4423 Datasheet HTML 6Page - Micrel Semiconductor MIC4423 Datasheet HTML 7Page - Micrel Semiconductor MIC4423 Datasheet HTML 8Page - Micrel Semiconductor MIC4423 Datasheet HTML 9Page - Micrel Semiconductor MIC4423 Datasheet HTML 10Page - Micrel Semiconductor MIC4423 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
January 1999
7
MIC4423/4424/4425
MIC4423/4424/4425
Micrel
Application Information
Although the MIC4423/24/25 drivers have been specifically
constructed to operate reliably under any practical
circumstances, there are nonetheless details of usage which
will provide better operation of the device.
Supply Bypassing
Charging and discharging large capacitive loads quickly
requires large currents. For example, charging 2000pF from
0 to 15 volts in 20ns requires a constant current of 1.5A. In
practice, the charging current is not constant, and will usually
peak at around 3A. In order to charge the capacitor, the driver
must be capable of drawing this much current, this quickly,
from the system power supply. In turn, this means that as far
as the driver is concerned, the system power supply, as seen
by the driver, must have a VERY low impedance.
As a practical matter, this means that the power supply bus
must be capacitively bypassed at the driver with at least 100X
the load capacitance in order to achieve optimum driving
speed. It also implies that the bypassing capacitor must have
very low internal inductance and resistance at all frequencies
of interest. Generally, this means using two capacitors, one a
high-performance low ESR film, the other a low internal
resistance ceramic, as together the valleys in their two
impedance curves allow adequate performance over a broad
enough band to get the job done. PLEASE NOTE that many
film capacitors can be sufficiently inductive as to be useless
for this service. Likewise, many multilayer ceramic capacitors
have unacceptably high internal resistance. Use capacitors
intended for high pulse current service (in-house we use
WIMA™ film capacitors and AVX Ramguard™ ceramics;
several other manufacturers of equivalent devices also exist).
The high pulse current demands of capacitive drivers also
mean that the bypass capacitors must be mounted very close
to the driver in order to prevent the effects of lead inductance
or PCB land inductance from nullifying what you are trying to
accomplish. For optimum results the sum of the lengths of the
leads and the lands from the capacitor body to the driver body
should total 2.5cm or less.
Bypass capacitance, and its close mounting to the driver
serves two purposes. Not only does it allow optimum
performance from the driver, it minimizes the amount of lead
length radiating at high frequency during switching, (due to the
large
∆ I) thus minimizing the amount of EMI later available for
system disruption and subsequent cleanup. It should also be
noted that the actual frequency of the EMI produced by a
driver is not the clock frequency at which it is driven, but is
related to the highest rate of change of current produced
during switching, a frequency generally one or two orders of
magnitude higher, and thus more difficult to filter if you let it
permeate your system.
Good bypassing practice is essential
to proper operation of high speed driver ICs.
Grounding
Both proper bypassing and proper grounding are necessary
for optimum driver operation. Bypassing capacitance only
allows a driver to turn the load ON. Eventually (except in rare
circumstances) it is also necessary to turn the load OFF. This
requires attention to the ground path. Two things other than
the driver affect the rate at which it is possible to turn a load
off: The adequacy of the grounding available for the driver,
and the inductance of the leads from the driver to the load. The
latter will be discussed in a separate section.
Best practice for a ground path is obviously a well laid out
ground plane. However, this is not always practical, and a
poorly-laid out ground plane can be worse than none. Attention
to the paths taken by return currents even in a ground plane
is essential. In general, the leads from the driver to its load, the
driver to the power supply, and the driver to whatever is driving
it should all be as low in resistance and inductance as
possible. Of the three paths, the ground lead from the driver
to the logic driving it is most sensitive to resistance or
inductance, and ground current from the load are what is most
likely to cause disruption. Thus, these ground paths should be
arranged so that they never share a land, or do so for as short
a distance as is practical.
To illustrate what can happen, consider the following: The
inductance of a 2cm long land, 1.59mm (0.062") wide on a
PCB with no ground plane is approximately 45nH. Assuming
a dl/dt of 0.3A/ns (which will allow a current of 3A to flow after
10ns, and is thus slightly slow for our purposes) a voltage of
13.5 Volts will develop along this land in response to our
postulated
∆Ι. For a 1cm land, (approximately 15nH) 4.5 Volts
is developed. Either way, anyone using TTL-level input signals
to the driver will find that the response of their driver has been
seriously degraded by a common ground path for input to and
output from the driver of the given dimensions. Note that this
is before accounting for any resistive drops in the circuit. The
resistive drop in a 1.59mm (0.062") land of 2oz. Copper
carrying 3A will be about 4mV/cm (10mV/in) at DC, and the
resistance will increase with frequency as skin effect comes
into play.
The problem is most obvious in inverting drivers where the
input and output currents are in phase so that any attempt to
raise the driver’s input voltage (in order to turn the driver’s load
off) is countered by the voltage developed on the common
ground path as the driver attempts to do what it was supposed
to. It takes very little common ground path, under these
circumstances, to alter circuit operation drastically.
Output Lead Inductance
The same descriptions just given for PCB land inductance
apply equally well for the output leads from a driver to its load,
except that commonly the load is located much further away
from the driver than the driver’s ground bus.
Generally, the best way to treat the output lead inductance
problem, when distances greater than 4cm (2") are involved,
requires treating the output leads as a transmission line.
Unfortunately, as both the output impedance of the driver and
the input impedance of the MOSFET gate are at least an order
of magnitude lower than the impedance of common coax,
using coax is seldom a cost-effective solution. A twisted pair
works about as well, is generally lower in cost, and allows use
of a wider variety of connectors. The second wire of the
twisted pair should carry common from as close as possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com