Electronic Components Datasheet Search
  English  ▼

X  

MIC4451 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC4451
Description  12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4451 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC4451 Datasheet HTML 2Page - Micrel Semiconductor MIC4451 Datasheet HTML 3Page - Micrel Semiconductor MIC4451 Datasheet HTML 4Page - Micrel Semiconductor MIC4451 Datasheet HTML 5Page - Micrel Semiconductor MIC4451 Datasheet HTML 6Page - Micrel Semiconductor MIC4451 Datasheet HTML 7Page - Micrel Semiconductor MIC4451 Datasheet HTML 8Page - Micrel Semiconductor MIC4451 Datasheet HTML 9Page - Micrel Semiconductor MIC4451 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
April 1998
5-77
MIC4451/4452
Micrel
5
Table 1: MIC4451 Maximum
Operating Frequency
VS
Max Frequency
18V
220kHz
15V
300kHz
10V
640kHz
5V
2MHz
Conditions: 1.
θJA = 150°C/W
2. TA = 25°C
3. CL = 10,000pF
Input Stage
The input voltage level of the MIC4451 changes the quies-
cent supply current. The N channel MOSFET input stage
transistor drives a 320
µA current source load. With a logic “1”
input, the maximum quiescent supply current is 400
µA. Logic
“0” input level signals reduce quiescent current to 80
µA
typical.
The MIC4451/4452 input is designed to provide 200mV of
hysteresis. This provides clean transitions, reduces noise
sensitivity, and minimizes output stage current spiking when
changing states. Input voltage threshold level is approxi-
mately 1.5V, making the device TTL compatible over the full
temperature and operating supply voltage ranges. Input
current is less than
±10µA.
The MIC4451 can be directly driven by the TL494, SG1526/
1527, SG1524, TSC170, MIC38C42, and similar switch
mode power supply integrated circuits. By offloading the
power-driving duties to the MIC4451/4452, the power supply
controller can operate at lower dissipation. This can improve
performance and reliability.
The input can be greater than the VS supply, however, current
will flow into the input lead. The input currents can be as high
as 30mA p-p (6.4mARMS) with the input. No damage will
occur to MIC4451/4452 however, and it will not latch.
The input appears as a 7pF capacitance and does not change
even if the input is driven from an AC source. While the device
will operate and no damage will occur up to 25V below the
negative rail, input current will increase up to 1mA/V due to
the clamping action of the input, ESD diode, and 1k
Ω resistor.
Power Dissipation
CMOS circuits usually permit the user to ignore power
dissipation. Logic families such as 4000 and 74C have
outputs which can only supply a few milliamperes of current,
and even shorting outputs to ground will not force enough
current to destroy the device. The MIC4451/4452 on the other
hand, can source or sink several amperes and drive large
capacitive loads at high frequency. The package power
dissipation limit can easily be exceeded. Therefore, some
attention should be given to power dissipation when driving
low impedance loads and/or operating at high frequency.
The supply current vs. frequency and supply current vs
capacitive load characteristic curves aid in determining power
dissipation calculations. Table 1 lists the maximum safe
operating frequency for several power supply voltages when
driving a 10,000pF load. More accurate power dissipation
figures can be obtained by summing the three dissipation
sources.
Given the power dissipation in the device, and the thermal
resistance of the package, junction operating temperature for
any ambient is easy to calculate. For example, the thermal
resistance of the 8-pin plastic DIP package, from the data
sheet, is 130
°C/W. In a 25°C ambient, then, using a maximum
junction temperature of 125
°C, this package will dissipate
960mW.
Accurate power dissipation numbers can be obtained by
summing the three sources of power dissipation in the device:
• Load Power Dissipation (PL)
• Quiescent power dissipation (PQ)
• Transition power dissipation (PT)
Calculation of load power dissipation differs depending on
whether the load is capacitive, resistive or inductive.
Resistive Load Power Dissipation
Dissipation caused by a resistive load can be calculated as:
PL = I2 RO D
where:
I =
the current drawn by the load
RO = the output resistance of the driver when the output is
high, at the power supply voltage used. (See data
sheet)
D =
fraction of time the load is conducting (duty cycle)
Capacitive Load Power Dissipation
Dissipation caused by a capacitive load is simply the energy
placed in, or removed from, the load capacitance by the
Figure 5. Switching Time Degradation Due to
Negative Feedback
MIC4451
1
8
6, 7
5
4
+18
0.1
µF
0.1
µF
TEK CURRENT
PROBE 6302
2,500 pF
POLYCARBONATE
5.0V
0 V
18 V
0 V
300 mV
12 AMPS
PC TRACE RESISTANCE = 0.05
Ω
LOGIC
GROUND
POWER
GROUND
WIMA
MKS-2
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com