Electronic Components Datasheet Search
  English  ▼

X  

MIC4468 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC4468
Description  Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4468 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC4468 Datasheet HTML 1Page - Micrel Semiconductor MIC4468 Datasheet HTML 2Page - Micrel Semiconductor MIC4468 Datasheet HTML 3Page - Micrel Semiconductor MIC4468 Datasheet HTML 4Page - Micrel Semiconductor MIC4468 Datasheet HTML 5Page - Micrel Semiconductor MIC4468 Datasheet HTML 6Page - Micrel Semiconductor MIC4468 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
April 1998
5-85
MIC4467/4468/4469
Micrel
5
Typical Characteristics
Rise and Fall Time vs.
Supply Voltage
05
20
10
15
TF
SUPPLY VOLTAGE (V)
70
60
50
40
10
0
20
30
Delay Time vs. Supply Voltage
05
20
10
15
SUPPLY VOLTAGE (V)
35
30
25
20
5
0
10
15
40
30
10
20
-25 0
150
25 50
TEMPERATURE (°C)
75 100 125
Delay Time vs. Temperature
35
30
25
20
5
0
10
15
-25
0
150
25 50
TEMPERATURE (°C)
75 100 125
TD1
Supply Current vs.
Capacitive Load
80
70
60
50
20
0
30
40
10
400kHz
200
kHz
20kHz
10
10000
100
CAPACITIVE LOAD (pF)
1000
1k
100
10
1
10
10000
100
CAPACITIVE LOAD (pF)
1000
Rise and Fall Time vs.
Capacitive Load
TR
TF
Supply Current vs. Frequency
V = 18V
S
10 V
5 V
20
0
30
10
1
1000
10
FREQUENCY (kHz)
100
High Output vs. Current
CURRENT SOURCED (mA)
Low Output vs. Current
1.20
.96
.00
.48
.72
.24
010
CURRENT SUNK (mA)
20 30 40 50 60 70 80 90 100
10 V
15 V
Rise and Fall Time
vs. Temperature
1.20
.96
.00
.48
.72
.24
0 10 203040 50 60 7080 90 100
10 V
15 V
-50
TR
-50
-75
TR
TF
-75
TD2
TD1
TD2
C = 1000pF
T = 25°C
L
A
C = 1000pF
T = 25°C
L
A
C = 1000pF
V = 18V
L
S
C = 1000pF
V = 18V
L
S
T = 25°C
V = 18V
A
S
T = 25°C
V = 18V
A
S
T = 25°C
C = 1000pF
L
A
T = 25°C
A
V = 5V
C
T = 25°C
A
V = 5V
S



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com