Electronic Components Datasheet Search
  English  ▼

X  

MIC4424CWM Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC4424CWM
Description  Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4424CWM Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC4424CWM Datasheet HTML 4Page - Micrel Semiconductor MIC4424CWM Datasheet HTML 5Page - Micrel Semiconductor MIC4424CWM Datasheet HTML 6Page - Micrel Semiconductor MIC4424CWM Datasheet HTML 7Page - Micrel Semiconductor MIC4424CWM Datasheet HTML 8Page - Micrel Semiconductor MIC4424CWM Datasheet HTML 9Page - Micrel Semiconductor MIC4424CWM Datasheet HTML 10Page - Micrel Semiconductor MIC4424CWM Datasheet HTML 11Page - Micrel Semiconductor MIC4424CWM Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC4423/4424/4425
Micrel
MIC4423/4424/4425
10
January 1999
= 12 x [(0.5 x 0.0035) + (0.5 x 0.0003)]
= 0.0228W
Total power dissipation, then, is:
PD = 0.2160 + 0.0066 + 0.0228
= 0.2454W
Assuming an SOIC package, with an
θJA of 120°C/W, this will
result in the junction running at:
0.2454 x 120 = 29.4
°C
above ambient, which, given a maximum ambient temperature
of 60
°C, will result in a maximum junction temperature of
89.4
°C.
EXAMPLE 2: A MIC4424 operating on a 15V input, with one
driver driving a 50
Ω resistive load at 1MHz, with a duty cycle
of 67%, and the other driver quiescent, in a maximum ambient
temperature of 40
°C:
PL = I2 x RO x D
First, IO must be determined.
IO = VS / (RO + RLOAD)
Given RO from the characteristic curves then,
IO = 15 / (3.3 + 50)
IO = 0.281A
and:
PL = (0.281)2 x 3.3 x 0.67
= 0.174W
PT = F x VS x (A•s)/2
(because only one side is operating)
= (1,000,000 x 15 x 3.3 x 10–9) / 2
= 0.025 W
and:
PQ = 15 x [(0.67 x 0.00125) + (0.33 x 0.000125) +
(1 x 0.000125)]
(this assumes that the unused side of the driver has its input
grounded, which is more efficient)
= 0.015W
then:
PD = 0.174 + 0.025 + 0.0150
= 0.213W
In a ceramic package with an
θJA of 100°C/W, this amount of
power results in a junction temperature given the maximum
40
°C ambient of:
(0.213 x 100) + 40 = 61.4
°C
The actual junction temperature will be lower than calculated
both because duty cycle is less than 100% and because the
graph lists RDS(on) at a TJ of 125°C and the RDS(on) at 61°C
TJ will be somewhat lower.
Definitions
CL = Load Capacitance in Farads.
D = Duty Cycle expressed as the fraction of time the input
to the driver is high.
f = Operating Frequency of the driver in Hertz
IH = Power supply current drawn by a driver when both
inputs are high and neither output is loaded.
IL = Power supply current drawn by a driver when both
inputs are low and neither output is loaded.
ID = Output current from a driver in Amps.
PD = Total power dissipated in a driver in Watts.
PL = Power dissipated in the driver due to the driver’s load
in Watts.
PQ = Power dissipated in a quiescent driver in Watts.
PT = Power dissipated in a driver when the output changes
states (“shoot-through current”) in Watts. NOTE: The
“shoot-through” current from a dual transition (once
up, once down) for both drivers is stated in the graph
on the following page in ampere-nanoseconds. This
figure must be multiplied by the number of repetitions
per second (frequency to find Watts).
RO= Output resistance of a driver in Ohms.
VS= Power supply voltage to the IC in Volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com