Electronic Components Datasheet Search
  English  ▼

X  

MIC5016BWM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5016BWM
Description  Low-Cost Dual High- or Low-Side MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5016BWM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5016BWM Datasheet HTML 1Page - Micrel Semiconductor MIC5016BWM Datasheet HTML 2Page - Micrel Semiconductor MIC5016BWM Datasheet HTML 3Page - Micrel Semiconductor MIC5016BWM Datasheet HTML 4Page - Micrel Semiconductor MIC5016BWM Datasheet HTML 5Page - Micrel Semiconductor MIC5016BWM Datasheet HTML 6Page - Micrel Semiconductor MIC5016BWM Datasheet HTML 7Page - Micrel Semiconductor MIC5016BWM Datasheet HTML 8Page - Micrel Semiconductor MIC5016BWM Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MIC5016/5017
Micrel
5-146
October 1998
Features
• 2.75V to 30V operation
• 100
µA maximum supply current (5V supply)
•15
µA typical off-state current
• Internal charge pump
• TTL compatible input
• Withstands 60V transient (load dump)
• Reverse battery protected to –20V
• Inductive spike protected to –20V
• Overvoltage shutdown at 35V
• Internal 15V gate protection
• Minimum external parts
• Operates in high-side or low-side configurations
•1
µA control input pull-off
• Inverting and noninverting versions
Applications
• Automotive electrical load control
• Battery-powered computer power management
• Lamp control
• Heater control
• Motor control
• Power bus switching
Ordering Information
Part Number
Temperature Range
Package
Noninverting
MIC5016BWM
–40
°C to +85°C
16-pin Wide SOIC
MIC5016BN
–40
°C to +85°C
14-pin Plastic DIP
Inverting
MIC5017BWM
–40
°C to +85°C
16-pin Wide SOIC
MIC5017BN
–40
°C to +85°C
14-pin Plastic DIP
MIC5016/5017
Low-Cost Dual High- or Low-Side MOSFET Driver
Typical Application
Figure 1: 3-Volt “Sleep-Mode” Switches
with Logic-Level MOSFETs
OFF
ON
MIC5016BN
IRLZ24
+3V to +4V
Gate A
Source B
Gnd
In A
V+ B
V+ A
Source A
Gate B
10µF
In B
Back
Light
IRLZ24
OFF
ON
General Description
MIC5016 and MIC5017 dual MOSFET drivers are designed
for gate control of N-channel, enhancement-mode, power
MOSFETs used as high-side or low-side switches.
The
MIC5016/7 can sustain an on-state output indefinitely.
The MIC5016/7 operates from a 2.75V to 30V supply. In high-
side configurations, the driver can control MOSFETs that
switch loads of up to 30V. In low-side configurations, with
separate supplies, the maximum switched voltage is limited
only by the MOSFET.
The MIC5016/7 has two TTL compatible control inputs. The
MIC5016 is noninverting while the MIC5017 is inverting.
The MIC5016/7 features internal charge pumps that can
sustain gate voltages greater than the available supply
voltage.
The driver is capable of turning on logic-level
MOSFETs from a 2.75V supply or standard MOSFETs from
a 5V supply. Gate-to-source output voltages are internally
limited to approximately 15V.
The MIC5016/7 is protected against automotive load dump,
reversed battery, and inductive load spikes of –20V. The
driver’s overvoltage shutdown feature turns off the external
MOSFETs at approximately 35V to protect the load against
power supply excursions.
The MIC5016 is an improved pin-for-pin compatible replace-
ment in many MIC5012 applications.
The MIC5016/7 is available in plastic 14-pin DIP and 16-pin
SOIC pacakges.


Similar Part No. - MIC5016BWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5016BWM MICREL-MIC5016BWM Datasheet
85Kb / 12P
Low-Cost Dual High- or Low-Side MOSFET Driver
More results

Similar Description - MIC5016BWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5011 MICREL-MIC5011 Datasheet
121Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
Protected High- or Low-Side MOSFET Driver
MIC5014-1 MICREL-MIC5014-1 Datasheet
76Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver Final Information
MIC5014 MICREL-MIC5014 Datasheet
85Kb / 9P
Low-Cost High- or Low-Side MOSFET Driver
MIC5010 MICREL-MIC5010 Datasheet
189Kb / 16P
Full-Featured High- or Low-Side MOSFET Driver
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
Micrel Semiconductor
MIC5011 MICREL-MIC5011_05 Datasheet
213Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
Protected High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014_05 Datasheet
515Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver
MIC5016 MICREL-MIC5016_02 Datasheet
85Kb / 12P
Low-Cost Dual High- or Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com