Electronic Components Datasheet Search
  English  ▼

X  

MIC4467BWM Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4467BWM
Description  Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4467BWM Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4467BWM Datasheet HTML 1Page - Micrel Semiconductor MIC4467BWM Datasheet HTML 2Page - Micrel Semiconductor MIC4467BWM Datasheet HTML 3Page - Micrel Semiconductor MIC4467BWM Datasheet HTML 4Page - Micrel Semiconductor MIC4467BWM Datasheet HTML 5Page - Micrel Semiconductor MIC4467BWM Datasheet HTML 6Page - Micrel Semiconductor MIC4467BWM Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5-84
April 1998
MIC4467/4468/4469
Micrel
Electrical Characteristics:
Measured over operating temperature range with 4.5V
≤ V
S ≤ 18V unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
INPUT
VIH
Logic 1 Input Voltage
2.4
1.4
V
VIL
Logic 0 Input Voltage
1.0
0.8
V
IIN
Input Current
0
≤ V
IN ≤ VS
–1
1
µA
OUTPUT
VOH
High Output Voltage
ILOAD = 10 mA
VS-0.3
V
VOL
Low Output Voltage
ILOAD = 10 mA
0.3
V
RO
Output Resistance
IOUT = 10 mA, VS = 18V
7
30
Ω
IPK
Peak Output Current
1.2
A
I
Latch-Up Protection
500
mA
Withstand Reverse Current
SWITCHING TIME
tR
Rise Time
Test Figure 1
17
50
ns
tF
Fall Time
Test Figure 1
16
50
ns
tD1
Delay Time
Test Figure 1
35
100
ns
tD2
Delay Time
Test Figure 1
55
100
ns
POWER SUPPLY
IS
Power Supply Current
0.4
8
mA
Supply
NOTE 1: Functional operation above the absolute maximum stress ratings is not implied.
NOTE 2: Static sensitive device. Store only in conductive containers. Handling personnel and equipment should be grounded to
prevent static damage.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com