Electronic Components Datasheet Search
  English  ▼

X  

MIC4468BWM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4468BWM
Description  Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4468BWM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4468BWM Datasheet HTML 1Page - Micrel Semiconductor MIC4468BWM Datasheet HTML 2Page - Micrel Semiconductor MIC4468BWM Datasheet HTML 3Page - Micrel Semiconductor MIC4468BWM Datasheet HTML 4Page - Micrel Semiconductor MIC4468BWM Datasheet HTML 5Page - Micrel Semiconductor MIC4468BWM Datasheet HTML 6Page - Micrel Semiconductor MIC4468BWM Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5-80
April 1998
MIC4467/4468/4469
Micrel
General Description
The MIC4467/8/9 family of 4-output CMOS buffer/drivers is
an expansion from the earlier single- and dual-output drivers,
to which they are functionally closely related. Because pack-
age pin count permitted it, each driver has been equipped
with a 2-input logic gate for added flexibility. Placing four high-
power drivers in a single package also improves system
reliability and reduces total system cost. In some applica-
tions, one of these drivers can replace not only two packages
of single-input drivers, but some of the associated logic as
well.
Although primarily intended for driving power MOSFETs, and
similar highly capacitive loads, these drivers are equally well
suited to driving any other load (capacitive, resistive, or
inductive), which requires a high-efficiency, low-impedance
driver capable of high peak currents, rail-to-rail voltage swings,
and fast switching times. For example, heavily loaded clock
lines, coaxial cables, and piezoelectric transducers can all be
MIC4467/4468/4469
Quad 1.2A-Peak Low-Side MOSFET Driver
Bipolar/CMOS/DMOS
Features
•
Built using reliable, low power CMOS processes
•
Latchproof. Withstands 500mA Inductive Kickback
•
3 Input Logic Choices
•
Symmetrical Rise and Fall Times .......................... 25ns
•
Short, Equal Delay Times ...................................... 75ns
•
High Peak Output Current ...................................... 1.2A
•
Wide Operating Range .................................. 4.5 to 18V
•
Low Equivalent Input Capacitance (typ) .................. 6pF
•
Inputs = Logic 1 for Any Input From 2.4V to VS
•
ESD Protected
Applications
•
General-Purpose CMOS Logic Buffer
•
Driving All 4 MOSFETs in an H-Bridge
•
Direct Small-Motor Driver
•
Relay or Peripheral Drivers
•
Dual Differential Output Power Drivers
•
CCD Driver
•
Pin-Switching Network Driver
Logic Diagrams
1A
VS
1B
2A
2B
3A
3B
4A
4B
1Y
2Y
3Y
4Y
GND
1
2
3
4
5
6
8
9
13
12
11
10
14
7
MIC4468
1A
VS
1B
2A
2B
3A
3B
4A
4B
1Y
2Y
3Y
4Y
GND
1
2
3
4
5
6
8
9
13
12
11
10
14
7
MIC4467
1A
VS
1B
2A
2B
3A
3B
4A
4B
1Y
2Y
3Y
4Y
GND
1
2
3
4
5
6
8
9
13
12
11
10
14
7
MIC4469


Similar Part No. - MIC4468BWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4468 MICREL-MIC4468 Datasheet
205Kb / 8P
Quad 1.2A-Peak Low-Side MOSFET Driver
logo
Microchip Technology
MIC4468 MICROCHIP-MIC4468 Datasheet
1Mb / 18P
Quad 1.2A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
MIC4468YN MICROCHIP-MIC4468YN Datasheet
1Mb / 18P
Quad 1.2A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
MIC4468YWM MICROCHIP-MIC4468YWM Datasheet
1Mb / 18P
Quad 1.2A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
MIC4468YWM-TR MICROCHIP-MIC4468YWM-TR Datasheet
1Mb / 18P
Quad 1.2A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
More results

Similar Description - MIC4468BWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4420 MICREL-MIC4420 Datasheet
96Kb / 10P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421 MICREL-MIC4421 Datasheet
110Kb / 10P
9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4451 MICREL-MIC4451 Datasheet
105Kb / 10P
12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD850001 SENSITRON-SHD850001 Datasheet
43Kb / 3P
6A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
SHD850003D SENSITRON-SHD850003D Datasheet
57Kb / 3P
3A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421A MICREL-MIC4421A Datasheet
393Kb / 13P
9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4467 MICREL-MIC4467_05 Datasheet
205Kb / 8P
Quad 1.2A-Peak Low-Side MOSFET Driver
MIC4120 MICREL-MIC4120_10 Datasheet
458Kb / 10P
6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4420 MIC-MIC4420_11 Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421 MIC-MIC4421_11 Datasheet
241Kb / 12P
9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com