Electronic Components Datasheet Search
  English  ▼

X  

MIC5020 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5020
Description  Current-Sensing Low-Side MOSFET Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5020 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5020 Datasheet HTML 1Page - Micrel Semiconductor MIC5020 Datasheet HTML 2Page - Micrel Semiconductor MIC5020 Datasheet HTML 3Page - Micrel Semiconductor MIC5020 Datasheet HTML 4Page - Micrel Semiconductor MIC5020 Datasheet HTML 5Page - Micrel Semiconductor MIC5020 Datasheet HTML 6Page - Micrel Semiconductor MIC5020 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MIC5020
Micrel
October 1998
5-163
5
Pin Description
Pin Number
Pin Name
Pin Function
1V
DD
Supply: +11V to +50V. Decouple with
≥ 10µF capacitor.
2
Input
TTL Compatible Input: Logic high turns the external MOSFET on. An internal
pull-down returns an open pin to logic low.
3
Fault
Overcurrent Fault Indicator: When the sense voltage exceeds threshold,
open collector output is open circuit for 5
µs (t
G(ON)), then pulled low for
t
G(OFF). tG(OFF) is adjustable from CT.
4C
T
Retry Timing Capacitor: Controls the off time (t
G(OFF)) of the overcurrent
retry cycle. (Duty cycle adjustment.)
• Open = 20% duty cycle.
• Capacitor to Ground = approx. 20% to <1% duty cycle.
• Pull-Up resistor = approx. 20% to approx. 75% duty cycle.
• Ground = maintained shutdown upon overcurrent condition.
5
Gnd
Circuit Ground
6
Sense +
Current Sense Comparator (+) Input: Connect to high side of sense resistor
or current sensing MOSFET sense lead. A built-in offset in conjunction with
R
SENSE sets the load overcurrent trip point.
7
Sense –
Current Sense Comparator (–) Input: Connect to the low side of the sense
resistor (usually power ground).
8
Gate
Gate Drive: Drives the gate of an external power MOSFET. Also limits V
GS
to 15V max. to prevent Gate to Source damage. Will sink and source
current.
Pin Configuration
1
2
3
4
8
7
6
5
VDD
Input
Fault
CT
Gate
Sense
−
Sense
+
Gnd
1
2
3
4
8
7
6
5
Gate
Sense
−
Sense
+
Gnd
VDD
Input
Fault
CT
Block Diagram
Sense –
Sense +
6V Internal Regulator
CINT
I1
2I1
50mV
Input
ONE-
SHOT
VDD
Gate
Fault
CT
6V
OFF
ON
Fault
Normal
I2
10I2
Q1
↓
↑
Transistor Count: 82
DIP Package
SOIC Package
(N)
(M)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com