Electronic Components Datasheet Search
  English  ▼

X  

ICL7107SCPLZ Datasheet(PDF) 13 Page - Intersil Corporation

Part # ICL7107SCPLZ
Description  3 1/2 Digit, LCD/LED Display, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7107SCPLZ Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ICL7107SCPLZ Datasheet HTML 9Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 10Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 11Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 12Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 13Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 14Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 15Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 16Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ICL7106, ICL7107, ICL7107S
13
FN3082.9
October 24, 2014
Submit Document Feedback
FIGURE 17. ICL7107 MEASURING RATIOMETRIC VALUES OF QUAD
LOAD CELL
FIGURE 18. ICL7106 USED AS A DIGITAL CENTIGRADE
THERMOMETER
Typical Applications (Continued)
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V -
G2
C3
A3
G3
GND
100pF
TO PIN 1
0.1µF
100kΩ
0.47µF
TO DISPLAY
The resistor values within the bridge are determined by the desired
sensitivity.
V+
0.22µF
47kΩ
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V -
G2
C3
A3
G3
BP
100pF
TO PIN 1
0.1µF
0.01µF
100kΩ
100kΩ 1MΩ
9V
47kΩ
0.22µF
0.47µF
TO BACKPLANE
TO DISPLAY
A silicon diode-connected transistor has a temperature coefficient of
about -2mV/°C. Calibration is achieved by placing the sensing
transistor in ice water and adjusting the zeroing potentiometer for a
000.0 reading. The sensor should then be placed in boiling water and
the scale-factor potentiometer adjusted for a 100.0 reading.
SCALE
FACTOR
ADJUST
100kΩ 220kΩ
22kΩ
SILICON NPN
MPS 3704 OR
SIMILAR
ZERO
ADJUST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com