Electronic Components Datasheet Search
  English  ▼

X  

MIC5022BWM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5022BWM
Description  Half-Bridge MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5022BWM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5022BWM Datasheet HTML 1Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 2Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 3Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 4Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 5Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 6Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 7Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 8Page - Micrel Semiconductor MIC5022BWM Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MIC5022
Micrel
MIC5022
180
September 1999
Block Diagram
6V
CINT
I1
2I1
ONE-
SHOT
VDD
Gate L
Fault
CTL
6V
OFF
ON
Fault
Normal
I2
10I2
15V
Q1
Sense H–
Sense H+
6V Internal Regulator
CINT
I1
2I1
50mV
Input
ONE-
SHOT
Gate H
CTH
6V
OFF
ON
Fault
Normal
I2
10I2
15V
Q1
CHARGE
PUMP
VDD
VBOOST
Enable
Sense L–
Sense L+
50mV
1.4V
1.4V
↑
↓
↑
↓
Transistor Count: 188
Absolute Maximum Ratings
Supply Voltage (V
DD) .................................................. +40V
Input Voltage .................................................. –0.5V to 15V
Sense Differential Voltage ..........................................
±6.5V
Sense + or Sense – to Gnd .......................... –0.5V to +36V
Fault Voltage ............................................................... +36V
Current into Fault ....................................................... 50mA
Timer Voltage (C
T) ..................................................... +5.5V
V
BOOST Capacitor .................................................... 0.01µF
Operating Ratings
Supply Voltage (V
DD) .................................... +12V to +36V
Temperature Range
SOIC ...................................................... –40
°C to +85°C
PDIP ....................................................... –40
°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com