Electronic Components Datasheet Search
  English  ▼

X  

GS2986 Datasheet(PDF) 32 Page - Gennum Corporation

Part # GS2986
Description  Standards indication in Auto mode
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2986 Datasheet(HTML) 32 Page - Gennum Corporation

Back Button GS2986 Datasheet HTML 28Page - Gennum Corporation GS2986 Datasheet HTML 29Page - Gennum Corporation GS2986 Datasheet HTML 30Page - Gennum Corporation GS2986 Datasheet HTML 31Page - Gennum Corporation GS2986 Datasheet HTML 32Page - Gennum Corporation GS2986 Datasheet HTML 33Page - Gennum Corporation GS2986 Datasheet HTML 34Page - Gennum Corporation GS2986 Datasheet HTML 35Page - Gennum Corporation GS2986 Datasheet HTML 36Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
GS2986 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52134 - 3
July 2012
32 of 41
3. Command2’ refers to the altered or decremented Command2.
4.15.13 Reading from a Single Device in the Chain
The following example shows how to read from a single device in a chain:
Figure 4-16: Daisy Chain Read from a Single Device
1. Read command and 16 cycles of data held HIGH are issued to chain position N.
2. 32xN cycles are applied with data HIGH to cycle the command through N devices in the
chain (NOTE: N is 0 for first device in chain). Device N executes the command.
3. With K representing the total number of devices in the chain, 32x(K-N-1) cycles are applied
to bring the return data through the rest of the chain.
4. 16 additional cycles are applied until the Data from device N is available on the Master SDI.
MOSI
MISO
CommandN [15:0]
DataN [15:0]
CommandN’ [15:0]
Data High 16 cycles
Data High 32xN cycles
Data High 32x(K-N-1) cycles
Data High 16 cycles
Data High 16 cycles
Chain Position = N
CS
Chain Position = N (N = 0 for first device in chain)
Chain Length = K (K ≥ 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com