Electronic Components Datasheet Search
  English  ▼

X  

MIC5204 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5204
Description  SCSI-II Active Terminator Preliminary Information
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5204 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5204 Datasheet HTML 1Page - Micrel Semiconductor MIC5204 Datasheet HTML 2Page - Micrel Semiconductor MIC5204 Datasheet HTML 3Page - Micrel Semiconductor MIC5204 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MIC5204
Micrel
February 1999
60
MIC5204
Electrical Characteristics
V
IN = VOUT + 1V; IL = 1mA; CL = 3.3µF; VEN ≥ 2.0V; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Conditions
Min
Typical
Max
Units
V
O
Output Voltage Accuracy
2.821
2.85
2.87
V
2.793
2.907
∆V
O/∆T
Output Voltage
Note 4
20
100
ppm/
°C
Temperature Coef.
∆V
O/VIN
Line Regulation
V
IN = VOUT + 1V to 6V
0.004
0.10
%
0.40
∆V
O/IL
Load Regulation
I
L = 0.1mA to 100mA, Note 5
0.04
0.16
%
0.30
V
IN–VO
Dropout Voltage, Note 6
I
L = 100µA30
mV
75
I
L = 50mA
190
240
I
L = 100mA
210
350
I
L = 500mA
450
750
I
Q
Quiescent Current
V
ENABLE ≤ 0.7V (Shutdown)
0.01
µA
I
GND
Ground Pin Current
V
ENABLE ≥ 2.0V, IL = 100µA
130
µA
I
L = 20mA
240
I
L = 30mA
300
I
L = 50mA
450
I
L = 100mA
900
PSRR
Ripple Rejection
70
dB
I
GNDDO
Ground Pin
V
IN = 0.5V less than designed VOUT
270
330
µA
Current at Dropout
I
L = 100µA, Note 7
I
LIMIT
Current Limit
V
OUT = 0V
750
mA
∆V
O/∆PD
Thermal Regulation
Note 8
0.05
%/W
e
n
Output Noise
30
µV
Enable Input
Input Voltage Level
V
IL
Logic Low
off
0.7
V
Logic High
on
2.0
I
IL
Enable Input Current
V
IL ≤ 0.7V
0.01
µA
I
IH
V
IH ≥ 2.0V
15
50
Absolute Maximum Ratings (Note 1)
Input Voltage (V
IN) ........................................ –20V to +20V
Enable Input Voltage (V
EN) .......................... –0.3V to +20V
Power Dissipation (P
D) ................ Internally Limited, Note 3
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
ESD Rating ............................................................. >2000V
Operating Ratings (Note 2)
Input Voltage (V
IN) ............................................ +3V to +6V
Enable Input Voltage (V
EN) ............................. –0.3V to VIN
Junction Temperature Range (T
J) ........... –40°C to +125°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com