Electronic Components Datasheet Search
  English  ▼

X  

MIC5208 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5208
Description  Dual 50mA LDO Voltage Regulator Preliminary Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5208 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5208 Datasheet HTML 1Page - Micrel Semiconductor MIC5208 Datasheet HTML 2Page - Micrel Semiconductor MIC5208 Datasheet HTML 3Page - Micrel Semiconductor MIC5208 Datasheet HTML 4Page - Micrel Semiconductor MIC5208 Datasheet HTML 5Page - Micrel Semiconductor MIC5208 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1997
3-169
MIC5208
Micrel
3
Pin Configuration
1
2
3
4
8
7
6
5
INA
ENA
INB
ENB
OUTA
GND
OUTB
GND
MIC5208BMM
Pin Description
Pin Number
Pin Name
Pin Function
1
OUTA
Regulator Output A
2, 4
GND
Ground: Both pins must be connected together.
3
OUTB
Regulator Output B
5
ENB
Enable/Shutdown B (Input): CMOS compatible input. Logic high = enable,
logic low or open = shutdown. Do not leave floating.
6
INB
Supply Input B
7
ENA
Enable/Shutdown A (Input): CMOS compatible input. Logic high = enable,
logic low or open = shutdown. Do not leave floating.
8
INA
Supply Input A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com