Electronic Components Datasheet Search
  English  ▼

X  

MIC5209 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5209
Description  500mA Low-Noise LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5209 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5209 Datasheet HTML 1Page - Micrel Semiconductor MIC5209 Datasheet HTML 2Page - Micrel Semiconductor MIC5209 Datasheet HTML 3Page - Micrel Semiconductor MIC5209 Datasheet HTML 4Page - Micrel Semiconductor MIC5209 Datasheet HTML 5Page - Micrel Semiconductor MIC5209 Datasheet HTML 6Page - Micrel Semiconductor MIC5209 Datasheet HTML 7Page - Micrel Semiconductor MIC5209 Datasheet HTML 8Page - Micrel Semiconductor MIC5209 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MIC5209
Micrel
MIC5209
2
August 2, 2000
1
2
3
4
8
7
6
5
GND
GND
GND
GND
EN
IN
OUT
BYP
MIC5209-x.xBM
SO-8
Fixed Voltages
1
2
3
4
8
7
6
5
GND
GND
GND
GND
EN
IN
OUT
ADJ
MIC5209BM
SO-8
Adjustable Voltage
Pin Description
Pin No.
Pin No.
Pin No.
Pin Name
Pin Function
SOT-223
SO-8
TO-263-5
1
2
2
IN
Supply Input
2, TAB
5–8
3
GND
Ground: SOT-223 pin 2 and TAB are internally connected. SO-8 pins 5
through 8 are internally connected.
3
3
4
OUT
Regulator Output
1
1
EN
Enable (Input): CMOS compatible control input. Logic high = enable; logic
low or open = shutdown.
4 (fixed)
5 (fixed)
BYP
Reference Bypass: Connect external 470pF capacitor to GND to reduce
output noise. May be left open. For 1.8V or 2.5V operation, see “Applica-
tions Information.”
4 (adj.)
5 (adj.)
ADJ
Adjust (Input): Feedback input. Connect to resistive voltage-divider network.
5 BYP
4 OUT
3 GND
2IN
1EN
MIC5209-x.xBU
TO-263-5
Fixed Voltages
5 ADJ
4 OUT
3 GND
2IN
1EN
MIC5209BU
TO-263-5
Adjustable Voltage
Pin Configuration
IN
OUT
GND
13
2
TAB
GND
MIC5209-x.xBS
SOT-223
Fixed Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com