Electronic Components Datasheet Search
  English  ▼

X  

MIC5211 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5211
Description  Dual 關Cap 80mA LDO Regulator Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5211 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5211 Datasheet HTML 1Page - Micrel Semiconductor MIC5211 Datasheet HTML 2Page - Micrel Semiconductor MIC5211 Datasheet HTML 3Page - Micrel Semiconductor MIC5211 Datasheet HTML 4Page - Micrel Semiconductor MIC5211 Datasheet HTML 5Page - Micrel Semiconductor MIC5211 Datasheet HTML 6Page - Micrel Semiconductor MIC5211 Datasheet HTML 7Page - Micrel Semiconductor MIC5211 Datasheet HTML 8Page - Micrel Semiconductor MIC5211 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC5211
Micrel
MIC5211
2
November 2000
Pin Configuration
ENA GND
OUTB
ENB
13
4
6
OUTA
LFxx
Part
Identification
5
IN
Regulator A
Voltage Code
(VOUTA)
Regulator B
Voltage Code
(VOUTB)
2
Pin 1
Index
e
g
a
t
l
o
Ve
d
o
C
V
8
.
1B
V
5
.
2C
V
7
.
2D
V
8
.
2E
V
3G
V
5
1
.
3H
V
3
.
3L
V
6
.
3Q
V
5X
Pin Description
Pin Number
Pin Name
Pin Function
1
ENA
Enable/Shutdown A (Input): CMOS compatible input. Logic high = enable,
logic low or open = shutdown.
2
GND
Ground
3
ENB
Enable/Shutdown B (Input): CMOS compatible input. Logic high = enable,
logic low or open = shutdown.
4
OUTB
Regulator Output B
5
IN
Supply Input
6
OUTA
Regulator Output A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com