Electronic Components Datasheet Search
  English  ▼

X  

MIC5247 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5247
Description  150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5247 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5247 Datasheet HTML 1Page - Micrel Semiconductor MIC5247 Datasheet HTML 2Page - Micrel Semiconductor MIC5247 Datasheet HTML 3Page - Micrel Semiconductor MIC5247 Datasheet HTML 4Page - Micrel Semiconductor MIC5247 Datasheet HTML 5Page - Micrel Semiconductor MIC5247 Datasheet HTML 6Page - Micrel Semiconductor MIC5247 Datasheet HTML 7Page - Micrel Semiconductor MIC5247 Datasheet HTML 8Page - Micrel Semiconductor MIC5247 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MIC5247
Micrel
MIC5247
4
November 6, 2000
0
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
Power Supply Rejection Ratio
C
BYP
= 0
C
BYP
= 0.01
µF
C
BYP
= 1
µF
I
L = 100µA
V
IN = 3.4V
V
OUT = 2.4V
C
OUT
= 10
µF Ceramic
0
10
20
30
40
50
60
70
FREQUENCY (Hz)
Power Supply Rejection Ratio
C
BYP = 0
0.01
µF
1
µF
I
L = 50mA
V
IN = 3.4V
V
OUT = 2.4V
C
OUT =10µF Ceramic
0
10
20
30
40
50
60
FREQUENCY (Hz)
Power Supply Rejection Ratio
C
BYP = 0
0.01
µF
1
µF
I
L = 100mA
V
IN = 3.4V
V
OUT = 2.4V
C
OUT = 10µF Ceramic
0
20
40
60
80
100
-40
-10
20
50
80
110 140
TEMPERATURE (
°C)
Ground Pin Current
I
LOAD = 100µA
0
20
40
60
80
100
012
34
INPUT VOLTAGE (V)
Ground Pin Current
I
LOAD = 100µA
0
20
40
60
80
100
012
34
INPUT VOLTAGE (V)
Ground Pin Current
I
LOAD = 150mA
0
1
2
3
0
1234
INPUT VOLTAGE (V)
Dropout Characteristics
I
LOAD = 100µA
I
LOAD =
150mA
0
100
200
300
400
500
-40
-10
20
50
80
110 140
TEMPERATURE (
°C)
Short Circuit Current
vs. Temperature
VOUT = 0
0
10
20
30
40
50
60
FREQUENCY (Hz)
Power Supply Rejection Ratio
CBYP = 0
0.01
µF
1
µF
I
L
= 150mA
V
IN = 3.4V
V
OUT = 2.4V
C
OUT = 10µF Ceramic
0
20
40
60
80
100
-40
-10
20
50
80
110 140
TEMPERATURE (
°C)
Ground Pin Current
I
LOAD = 150mA
Typical Characteristics
1x10
-8
1x10
-7
1x10
-6
1x10
-5
FREQUENCY (Hz)
Noise Performance
C
BYP = 0
C
BYP
= 0.01
µF
V
IN = 2.8V
V
OUT = 1.8V
C
OUT = 4.7µF
I
LOAD = 50mA
70
71
72
73
74
75
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
V
IN
= V
OUT + 1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com