Electronic Components Datasheet Search
  English  ▼

X  

MIC5800 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5800
Description  4/8-Bit Parallel-Input Latched Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5800 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5800 Datasheet HTML 1Page - Micrel Semiconductor MIC5800 Datasheet HTML 2Page - Micrel Semiconductor MIC5800 Datasheet HTML 3Page - Micrel Semiconductor MIC5800 Datasheet HTML 4Page - Micrel Semiconductor MIC5800 Datasheet HTML 5Page - Micrel Semiconductor MIC5800 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Micrel
MIC5800/5801
7-14
October 1998
Electrical Characteristics: at TA = +25°C, VDD = 5V (unless otherwise noted)
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Leakage Current
ICEX
VCE = 50 V, TA = +25°C50
µA
VCE = 50 V, TA = +70°C
100
Collector-Emitter
VCE(SAT)
IC = 100 mA
0.9
1.1
V
Saturation Voltage
IC = 200 mA
1.1
1.3
IC = 350 mA, VDD = 7.0 V
1.3
1.6
Input Voltage
VIN(0)
1.0
V
VIN(1)
VDD = 12 V
10.5
VDD = 10 V
8.5
VDD = 5.0 V (See Note)
3.5
Input Resistance
RIN
VDD = 12 V
50
200
k
Ω
VDD = 10 V
50
300
VDD = 5.0 V
50
600
Supply Current
IDD(ON)
VDD = 12 V, Outputs Open
1.0
2.0
mA
(Each
VDD = 10 V, Outputs Open
0.9
1.7
Stage)
VDD = 5.0 V, Outputs Open
0.7
1.0
IDD(OFF)
VDD = 12 V, Outputs Open, Inputs = 0 V
200
µA
(Total)
VDD = 5.0 V, Outputs Open, Inputs = 0 V
50
100
Clamp Diode
IR
VR = 50 V, TA = +25°C50
µA
Leakage Current
VR = 50 V, TA = +70°C
100
Clamp Diode Forward Voltage
VF
IF = 350 mA
1.7
2.0
V
NOTE :
Operation of these devices with standard TTL or DTL may require the use of appropriate pull-up resistors to insure a minimum logic “1”.
CLEAR
F
STROBE
OUTPUT
ENABLE
IN
C
B
A
G
N
E
C
B
A
G
D
C
B
E
OUTN
Timing Conditions
(Logic Levels are VDD and Ground)
A.
Minimum data active time before strobe enabled (data set-up time) ....................................................................... 50ns
B.
Minimum data active time after strobe disabled (data hold time) ............................................................................. 50ns
C.
Minimum strobe pulse width ................................................................................................................................... 125ns
D.
Typical time between strobe activation and output on to off transition ................................................................... 500ns
E.
Typical time between strobe activation and output off to on transition ................................................................... 500ns
F.
Minimum clear pulse width ..................................................................................................................................... 300ns
G.
Minimum data pulse width ...................................................................................................................................... 225ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com