Electronic Components Datasheet Search
  English  ▼

X  

MIC5891 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5891
Description  8-Bit Serial-Input Latched Source Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5891 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5891 Datasheet HTML 1Page - Micrel Semiconductor MIC5891 Datasheet HTML 2Page - Micrel Semiconductor MIC5891 Datasheet HTML 3Page - Micrel Semiconductor MIC5891 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7-56
December 1997
MIC5891
Micrel
Electrical Characteristics
V
BB = 50V, VDD = 5V to 12V; TA = +25°C; unless noted.
Limits
Characteristic
Symbol
V
BB
Test Conditions
Min.
Max.
Units
Output Leakage Current
I
CEX
50V
T
A = +25°C
–50
µA
T
A = +85°C
–100
µA
Output Saturation Voltage
V
CE(SAT)
50V
I
OUT = –100mA, TA = +85°C
1.8
V
I
OUT = –225mA, TA = +85°C
1.9
V
I
OUT = –350mA, TA = +85°C
2.0
V
Output Sustaining Voltage
V
CE(SUS)
50V
I
OUT = –350mA, L = 2mH
35
V
Input Voltage
V
IN(1)
50V
V
DD = 5.0V
3.5
V
DD+0.3
V
V
DD = 12V
10.5
V
DD+0.3
V
V
IN(0)
50V
V
DD = 5V to 12V
V
SS–0.3
0.8
V
Input Current
I
IN(1)
50V
V
DD = VIN = 5.0V
50
µA
V
DD = 12V
240
µA
Input Impedance
Z
IN
50V
V
DD = 5.0V
100
k
Ω
V
DD = 12V
50
k
Ω
Maximum Clock Frequency
f
c
50V
3.3
MHz
Serial Data Output Resistance
R
OUT
50V
V
DD = 5.0V
20
k
Ω
V
DD = 12V
6.0
k
Ω
Turn-On Delay
t
PLH
50V
Output Enable to Output, I
OUT = –350mA
2.0
µs
Turnoff Delay
t
PHL
50V
Output Enable to Output, I
OUT = –350mA
10
µs
Supply Current
I
BB
50V
all outputs on, all outputs open
10
mA
all outputs off
200
µA
I
DD
50V
V
DD = 5V, all outputs off, inputs = 0V
100
µA
V
DD = 12V, all outputs off, inputs = 0V
200
µA
V
DD = 5V, one output on, all inputs = 0V
1.0
mA
V
DD = 12V, one output on, all inputs = 0V
3.0
mA
Diode Leakage Current
I
H
Max
T
A = +25°C50
µA
T
A = +85°C
100
µA
Diode Forward Voltage
V
F
Open
I
F = 350mA
2.0
V
Note 4: Positive (negative) current is defined as going into (coming out of) the specified device pin.
Note 5: Operation of these devices with standard TTL may require the use of appropriate pull-up resistors.
Timing Conditions
(VDD = 5.0V, Logic Levels are V
DD and Ground)
A.
Minimum data active time before clock pulse (data set-up time) ........................................................................75ns
B.
Minimum data active time after clock pulse (data hold time) ..............................................................................75ns
C.
Minimum data pulse width .................................................................................................................................150ns
D.
Minimum clock pulse width ...............................................................................................................................150ns
E.
Minimum time between clock activation and strobe .......................................................................................... 300ns
F.
Minimum strobe pulse width ..............................................................................................................................100ns
G.
Typical time between strobe activation and output transition .............................................................................1.0
µs
H.
Turnoff delay ................................................................................................................ see Electrical Characteristics
I.
Turn-on delay ............................................................................................................... see Electrical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com