Electronic Components Datasheet Search
  English  ▼

X  

MIC59P60 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC59P60
Description  8-Bit Serial-Input Protected Latched Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC59P60 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC59P60 Datasheet HTML 1Page - Micrel Semiconductor MIC59P60 Datasheet HTML 2Page - Micrel Semiconductor MIC59P60 Datasheet HTML 3Page - Micrel Semiconductor MIC59P60 Datasheet HTML 4Page - Micrel Semiconductor MIC59P60 Datasheet HTML 5Page - Micrel Semiconductor MIC59P60 Datasheet HTML 6Page - Micrel Semiconductor MIC59P60 Datasheet HTML 7Page - Micrel Semiconductor MIC59P60 Datasheet HTML 8Page - Micrel Semiconductor MIC59P60 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
January 2000
5
MIC59P60
MIC59P60
Micrel
Typical Characteristic Curves
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
–50
0
50
100
150
TEMPERATURE (°C)
Output Saturation
Voltage vs. Temperature
IL = 350mA
IL = 100mA
VDD = 5V to 12V
0.35
0.40
0.45
0.50
0.55
0.60
–50
0
50
100
150
TEMPERATURE (°C)
VDD = 5V
VDD = 12V
Current Shutdown
Threshold vs. Temperature
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-50
0
50
100
150
TEMPERATURE (°C)
Output Saturation
Voltage vs. Temperature
VDD = 12V
IL = 350mA
IL = 100mA
0
1
2
3
4
5
6
7
–50
0
50
100
150
TEMPERATURE (°C)
Supply Current
vs. Temperature
ALL OUTPUTS ON
ALL OUTPUTS OFF
VDD = 12V
0
2
4
6
8
10
12
14
16
18
20
0.3
0.4
0.5
0.6
0.7
0.8
0.9
OUTPUT CURRENT (A)
Current Shutdown
Delay vs. Output Current
VDD = 12V
VDD = 5V
0
1
2
3
4
5
–50
0
50
100
150
TEMPERATURE (°C)
ALL OUTPUTS ON
ALL OUTPUTS OFF
Supply Current
vs. Temperature
VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com