Electronic Components Datasheet Search
  English  ▼

X  

MIC59P60BWM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC59P60BWM
Description  8-Bit Serial-Input Protected Latched Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC59P60BWM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC59P60BWM Datasheet HTML 1Page - Micrel Semiconductor MIC59P60BWM Datasheet HTML 2Page - Micrel Semiconductor MIC59P60BWM Datasheet HTML 3Page - Micrel Semiconductor MIC59P60BWM Datasheet HTML 4Page - Micrel Semiconductor MIC59P60BWM Datasheet HTML 5Page - Micrel Semiconductor MIC59P60BWM Datasheet HTML 6Page - Micrel Semiconductor MIC59P60BWM Datasheet HTML 7Page - Micrel Semiconductor MIC59P60BWM Datasheet HTML 8Page - Micrel Semiconductor MIC59P60BWM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
January 2000
1
MIC59P60
MIC59P60
Micrel
Ordering Information
Part Number
Temperature Range
Package
MIC59P60BN
–40
°C to +85°C
20-Pin Plastic DIP
MIC59P60BV
–40
°C to +85°C
20-Pin PLCC
MIC59P60BWM
–40
°C to +85°C
20-Pin Wide SOIC
3
4
5
11
19
18
17
16
15
13
12
7
6
8
9
2
10
1
14
20
CLOCK
SERIAL
DATA IN
VSS
CLEAR
UVLO
THERMAL
SHUTDOWN
ILIMIT
K
OUT 1 OUT 2 OUT 3 OUT 4 OUT 5 OUT 6 OUT 7 OUT 8
SUB
VEE
MOS
BIPOLAR
OUTPUT
ENABLE/RESET
STROBE
VDD
SERIAL DATA OUT
FLAG
8-BIT SERIAL–PARALLEL SHIFT REGISTER
LATCHES
Features
• 3.3 MHz Minimum Data-Input Rate
• Output Current Shutdown (500mA Typical)
• Under Voltage Lockout
• Thermal Shutdown
• Output Fault Flag
• CMOS, PMOS, NMOS, and TTL Compatible
• Internal Pull-Up/Pull-Down Resistors
• Low Power CMOS Logic and Latches
• High Voltage Current Sink Outputs
• Output Transient-Protection Diodes
• Single or Split Supply Operation
UVLO
I LIMIT
THERMAL
SHUTDOWN
10
9
8
7
6
5
4
3
2
1
SUB
SUB
20
19
18
17
16
15
14
13
12
11
CLEAR
VEE
CLOCK
SERIAL DATA IN
VSS
VDD
SERIAL DATA OUT
STROBE
ENABLE/RESET
VEE
OUTPUT
FLAG
OUTPUT 1
OUTPUT 2
OUTPUT 3
OUTPUT 4
OUTPUT 5
OUTPUT 6
OUTPUT 7
OUTPUT 8
K
Pin Configuration
(DIP and SOIC)
MIC59P60
8-Bit Serial-Input Protected Latched Driver
General Description
The MIC59P60 serial-input latched driver is a high-voltage
(80V), high-current (500mA) integrated circuit comprised of
eight CMOS data latches, a bipolar Darlington transistor
driver for each latch, and CMOS control circuitry for the
common CLEAR, STROBE, CLOCK, SERIAL DATA INPUT,
and OUTPUT ENABLE functions. Similar to the MIC5842,
additional protection circuitry supplied on this device includes
thermal shutdown, under voltage lockout (UVLO), and over-
current shutdown.
The bipolar/CMOS combination provides an extremely low-
power latch with maximum interface flexibility. The MIC59P60
has open-collector outputs capable of sinking 500mA and
integral diodes for inductive load transient suppression with
a minimum output breakdown voltage rating of 80V (50V
sustaining). The drivers can be operated with a split supply,
where the negative supply is down to –20V and may be
paralleled for higher load current capability.
Using a 5V logic supply, the MIC59P60 will typically operate
at better than 5MHz. With a 12V logic supply, significantly
higher speeds are obtained. The CMOS inputs are compat-
ible with standard CMOS, PMOS, and NMOS circuits. TTL
circuits may require pull-up resistors. By using the serial data
output, drivers may be cascaded for interface applications
requiring additional drive lines.
Each of these eight outputs has an independent over current
shutdown of 500 mA. Upon over-current shutdown, the
affected channel will turn OFF and the flag will go low until V
DD
is cycled or the ENABLE/RESET pin is pulsed high. Current
pulses less than 2
µs will not activate current shutdown.
Temperatures above 165
°C will shut down the device and
activate the error flag. The UVLO circuit prevents operation
at low V
DD
; hysteresis of 0.5V is provided.
Functional Diagram
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com


Similar Part No. - MIC59P60BWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC59P60BWM MICREL-MIC59P60BWM Datasheet
108Kb / 12P
8-Bit Serial-Input Protected Latched Driver
More results

Similar Description - MIC59P60BWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC58P01 MICREL-MIC58P01 Datasheet
101Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42 Datasheet
87Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_11 Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_11 Datasheet
108Kb / 12P
8-Bit Serial-Input Protected Latched Driver
MIC59P50YWM MICREL-MIC59P50YWM Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_15 Datasheet
955Kb / 15P
8-Bit Serial-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_15 Datasheet
688Kb / 12P
8-Bit Parallel-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42_15 Datasheet
692Kb / 13P
8-Bit Serial-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_15 Datasheet
783Kb / 11P
8-Bit Parallel-Input Protected Latched Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com