Electronic Components Datasheet Search
  English  ▼

X  

LMP7732 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7732
Description  2.9 nV/sqrt(Hz) Low Noise, RRIO Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7732 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP7732 Datasheet HTML 6Page - Texas Instruments LMP7732 Datasheet HTML 7Page - Texas Instruments LMP7732 Datasheet HTML 8Page - Texas Instruments LMP7732 Datasheet HTML 9Page - Texas Instruments LMP7732 Datasheet HTML 10Page - Texas Instruments LMP7732 Datasheet HTML 11Page - Texas Instruments LMP7732 Datasheet HTML 12Page - Texas Instruments LMP7732 Datasheet HTML 13Page - Texas Instruments LMP7732 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
0
50
100
150
200
250
300
TIME (s)
0.0
1.0
2.0
3.0
4.0
5.0
VS = 5V
RL = 2 k:
5 TYPICAL UNITS
1.5
2
2.5
3
3.5
4
4.5
5
5.5
2
3.4
SUPPLY VOLTAGE (V)
2.2
2.4
2.6
2.8
3
3.2
RISING EDGE
FALLING EDGE
AV = +1
VIN = 1 VPP
RL = 10 k:
CL = 10 pF
0
0.5
1
1.5
2
2.5
3 3.3
-75
-50
-25
0
25
50
100
VCM (V)
75
125°C
85°C
25°C
-40°C
VS = 3.3V
0
1
2
3
4
5
-75
-50
-25
0
25
50
75
100
VCM (V)
125°C
85°C
25°C
-40°C
VS = 5V
0
0.5
1
1.5
2
2.5
-75
-50
-25
0
25
50
75
100
VCM (V)
125°C
85°C
25°C
-40°C
VS = 2.5V
1.5
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
-25
-20
-15
-10
-5
0
5
25°C
-40°C
125°C
85°C
LMP7732
SNOSAZ0E – AUGUST 2007 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, RL > 10 kΩ, VCM = VS/2.
Offset Voltage vs. Supply Voltage
Offset Voltage vs. VCM
Figure 14.
Figure 15.
Offset Voltage vs. VCM
Offset Voltage vs. VCM
Figure 16.
Figure 17.
Input Offset Voltage Time Drift
Slew Rate vs. Supply Voltage
Figure 18.
Figure 19.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com