Electronic Components Datasheet Search
  English  ▼

X  

LMP7731 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7731
Description  2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7731 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMP7731 Datasheet HTML 11Page - Texas Instruments LMP7731 Datasheet HTML 12Page - Texas Instruments LMP7731 Datasheet HTML 13Page - Texas Instruments LMP7731 Datasheet HTML 14Page - Texas Instruments LMP7731 Datasheet HTML 15Page - Texas Instruments LMP7731 Datasheet HTML 16Page - Texas Instruments LMP7731 Datasheet HTML 17Page - Texas Instruments LMP7731 Datasheet HTML 18Page - Texas Instruments LMP7731 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
-
+
LMP7731
-
+
LMP7731
0.1 PF
100 k:
10:
2 k:
4.7 PF
24.3 k:
100 k:
0.1 PF
4.3 k:
2.2 PF
22 PF
110 k:
SCOPE
x 1
RIN = 1M
VOLTAGE GAIN = 50,000
LMP7731
www.ti.com
SNOSAT6E – JULY 2007 – REVISED MARCH 2013
INPUT VOLTAGE NOISE MEASUREMENT
The LMP7731 has very low input voltage noise. The peak-to-peak input voltage noise of the LMP7731 can be
measured using the test circuit shown in Figure 45
Figure 45. 0.1 Hz to 10 Hz Noise Test Circuit
The frequency response of this noise test circuit at the 0.1 Hz corner is defined by only one zero. The test time
for the 0.1 Hz to 10 Hz noise measurement using this configuration should not exceed 10 seconds, as this time
limit acts as an additional zero to reduce or eliminate the noise contributions of noise from frequencies below 0.1
Hz.
Figure 46 shows typical peak-to-peak noise for the LMP7731 measured with the circuit in Figure 45 for the
LMP7731.
Figure 46. 0.1 Hz to 10 Hz Input Voltage Noise
Measuring the very low peak-to-peak noise performance of the LMP7731, requires special testing attention. In
order to achieve accurate results, the device should be warmed up for at least five minutes. This is so that the
input offset voltage of the op amp settles to a value. During this warm up period, the offset can typically change
by a few µV because the chip temperature increases by about 30°C. If the 10 seconds of the measurement is
selected to include this warm up time, some of this temperature change might show up as the measured noise.
Figure 47 shows the start-up drift of five typical LMP7731 units.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMP7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com