Electronic Components Datasheet Search
  English  ▼

X  

MIC7111 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC7111
Description  1.8V IttyBitty??Rail-to-Rail Input/Output Op Amp Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7111 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC7111 Datasheet HTML 1Page - Micrel Semiconductor MIC7111 Datasheet HTML 2Page - Micrel Semiconductor MIC7111 Datasheet HTML 3Page - Micrel Semiconductor MIC7111 Datasheet HTML 4Page - Micrel Semiconductor MIC7111 Datasheet HTML 5Page - Micrel Semiconductor MIC7111 Datasheet HTML 6Page - Micrel Semiconductor MIC7111 Datasheet HTML 7Page - Micrel Semiconductor MIC7111 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
June 1998
3
MIC7111
MIC7111
Micrel
DC Electrical Characteristics (2.7V)
V
V+ = +2.7V, VV– = 0V, VCM = VOUT = VV+/2; RL = 1M; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OS
Input Offset Voltage
0.9
7
mV
9
mV
TCV
OS
Input Offset Voltage
2.0
µV/°C
Temperature Drift
I
B
Input Bias Current
110
pA
500
pA
I
OS
Input Offset Current
0.01
0.5
pA
75
pA
R
IN
Input Resistance
>10
T
Ω
+PSRR
Positive Power Supply
2.7V
≤ V
V+ ≤ 5V, VV– = 0V,
60
90
dB
Rejection Ratio
V
CM = VOUT = 1.35V
–PSRR
Negative Power Supply
–2.7V
≤ V
V– ≤ –5V, VV+ = 0V,
60
90
dB
Rejection Ratio
V
CM = VOUT = –1.35V
CMRR
Common-Mode Rejection Ratio
V
CM = –0.2V to +2.9V
52
75
dB
C
IN
Common Mode Input Capacitance
3
pF
V
OUT
Output Voltage Swing
output high, R
L = 100k,
0.2
1
mV
specified as V
V+ – VOUT
1
mV
output low, R
L = 100k
0.2
1
mV
1
mV
output high, R
L = 2k,
10
33
mV
specified as V
V+ – VOUT
50
mV
output low, R
L = 2k
10
33
mV
50
mV
I
SC
Output Short Circuit Current
sourcing, V
OUT = 0V
30
50
mA
Note 6
sinking, V
OUT = 2.7V
30
50
mA
A
VOL
Voltage Gain
sourcing
400
V/mV
sinking
400
V/mV
I
s
Supply Current
V
V+ = 2.7V, VOUT = VV+/2
17
42
µA
AC Electrical Characteristics (2.7V)
V+ = +2.7V, V– = 0V, V
CM = VOUT = VV+/2; RL = 1M; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
SR
Slew Rate
voltage follower, 1V step, R
L = 100k@1.35V
0.015
V/
µs
V
OUT = 1VP–P
GBW
Gain Bandwidth Product
25
kHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com