Electronic Components Datasheet Search
  English  ▼

X  

MIC7122 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC7122
Description  Rail-to-Rail Dual Op Amp Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7122 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC7122 Datasheet HTML 1Page - Micrel Semiconductor MIC7122 Datasheet HTML 2Page - Micrel Semiconductor MIC7122 Datasheet HTML 3Page - Micrel Semiconductor MIC7122 Datasheet HTML 4Page - Micrel Semiconductor MIC7122 Datasheet HTML 5Page - Micrel Semiconductor MIC7122 Datasheet HTML 6Page - Micrel Semiconductor MIC7122 Datasheet HTML 7Page - Micrel Semiconductor MIC7122 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
March 1999
1
MIC7122
MIC7122
Micrel
MIC7122
Micrel
MIC7122
Rail-to-Rail Dual Op Amp
Preliminary Information
General Description
The MIC7122 is a dual high-performance CMOS operational
amplifier featuring rail-to-rail inputs and outputs.
The input common-mode range extends beyond the rails by
300mV, and the output voltage swings to within 150
µV of both
rails when driving a 100k
Ω load.
The amplifiers operate from 2.2V to 15V and are fully speci-
fied at 2.2V, 5V, and 15V. Gain bandwidth and slew rate are
750kHz and 0.7V/
µs, respectively at 2.2V supply.
The MIC7122 is available in the MM8™ 8-lead MSOP pack-
age.
Features
• Small footprint MSOP-8 package
• 350
µA supply current per op amp at 2.2V supply
• Guaranteed 2.2V, 5V, and 15V performance
• 750kHz gain-bandwidth product at 2.2V supply
• 0.01% total harmonic distortion at 1kHz (15V, 2k
Ω)
• Drives 200pF at 5V and greater supply voltages
Applications
• Battery-powered instrumentation
• PCMCIA, USB peripherals
• Portable computers and PDAs
Ordering Information
Part Number
Temperature Range
Package
MIC7122BMM
–40
°C to +85°C
MSOP-8
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
MM8 is a trademark of Micrel, Inc.
Pin Description
Pin Number
Pin Name
Pin Function
1 / 7
OUTA / OUTB
Amplifier Outputs
2 / 6
INA– / INB–
Inverting Inputs
3 / 5
INA+ / INB+
Noninverting Inputs
4
V–
Negative Supply: Negative supply for split supply application or ground for
single supply applications.
8
V+
Positive Supply
Pin Configuration
1
2
3
4
8
7
6
5
V+
OUT B
INB–
INB+
OUT A
IN A–
IN A+
V–
MSOP-8 (MM)
1
2
3
4
8
7
6
5
A
B


Similar Part No. - MIC7122

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC7122 MICROCHIP-MIC7122 Datasheet
934Kb / 22P
Rail-to-Rail Dual Op Amp
05/14/19
logo
Micrel Semiconductor
MIC7122BMM MICREL-MIC7122BMM Datasheet
54Kb / 8P
Rail-to-Rail Dual Op Amp
MIC7122YMM MICREL-MIC7122YMM Datasheet
54Kb / 8P
Rail-to-Rail Dual Op Amp
logo
Microchip Technology
MIC7122YMM MICROCHIP-MIC7122YMM Datasheet
934Kb / 22P
Rail-to-Rail Dual Op Amp
05/14/19
MIC7122YMM-TR MICROCHIP-MIC7122YMM-TR Datasheet
934Kb / 22P
Rail-to-Rail Dual Op Amp
05/14/19
More results

Similar Description - MIC7122

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7111 MICREL-MIC7111 Datasheet
73Kb / 8P
1.8V IttyBitty??Rail-to-Rail Input/Output Op Amp Preliminary Information
MIC7211 MICREL-MIC7211 Datasheet
75Kb / 8P
IttyBitty??Rail-to-Rail Input Comparator Preliminary Information
MIC7300 MICREL-MIC7300 Datasheet
114Kb / 12P
High-Output Drive Rail-to-Rail Op Amp Preliminary Information
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
Rail to Rail Single OP AMP
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122_05 Datasheet
54Kb / 8P
Rail-to-Rail Dual Op Amp
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
Dual Rail-to-Rail Output Op Amp
REV. C
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
Rail to Rail Single OP AMP
logo
Microchip Technology
MIC7122 MICROCHIP-MIC7122 Datasheet
934Kb / 22P
Rail-to-Rail Dual Op Amp
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com