Electronic Components Datasheet Search
  English  ▼

X  

MIC7211 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC7211
Description  IttyBitty??Rail-to-Rail Input Comparator Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7211 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC7211 Datasheet HTML 1Page - Micrel Semiconductor MIC7211 Datasheet HTML 2Page - Micrel Semiconductor MIC7211 Datasheet HTML 3Page - Micrel Semiconductor MIC7211 Datasheet HTML 4Page - Micrel Semiconductor MIC7211 Datasheet HTML 5Page - Micrel Semiconductor MIC7211 Datasheet HTML 6Page - Micrel Semiconductor MIC7211 Datasheet HTML 7Page - Micrel Semiconductor MIC7211 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC7211/7221
Micrel
MIC7211/7221
2
June 1999
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
V+ – VV–) ........................................... 12V
Differential Input Voltage (V
IN+, VIN–) ............. ±(VV+ – VV–)
I/O Pin Voltage (V
IN+, VOUT), Note 3 ..................................
............................................ V
V+ + 0.3V to VV– – 0.3V
Junction Temperature (T
J) ...................................... +150°C
Storage Temperature (T
S) ....................... –65°C to +150°C
ESD, Note 6
Operating Ratings (Note 2)
Supply Voltage (V
V+ – VV–) .............................. 2.2V to 10V
Junction Temperature (T
J) ......................... –40°C to +85°C
Maximum Junction Temperature (T
J(max)) Note 4 . +125°C
Package Thermal Resistance
(θ
JA) Note 5 .......... 325°C/W
Maximum Power Dissipation .................................... Note 4
DC Electrical Characteristics (2.2V)
V
V+ = +2.2V, VV– = 0V, VCM = VOUT = VV+/2; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; Note 7; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OS
Input Offset Voltage
210
mV
TCV
OS
Input Offset Voltage
1
µV/°C
Temperature Drift
TCV
OS
Input Offset Voltage
3.3
µV⁄month
Drift Over Time
I
B
Input Bias Current
0.5
pA
I
OS
Input Offset Current
0.25
pA
CMRR
Common-Mode Rejection Ratio
0V
≤ V
CM ≤ 2.2V
60
dB
PSRR
Positive Power Supply
V
V+ = 2.2V to 5V
90
dB
Rejection Ratio
A
VOL
Gain
125
dB
V
OH
Output Voltage (High)
MIC7211, I
LOAD = 2.5mA
2.1
2.18
V
V
OL
Output Voltage (Low)
I
LOAD = 2.5mA
0.02
0.1
V
I
S
Supply Current
V
OUT = low
5
12
µA
DC Electrical Characteristics (2.7V)
V
V+ = +2.7V, VV– = 0V, VCM = VOUT = VV+/2; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; Note 7; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OS
Input Offset Voltage
210
mV
TCV
OS
Input Offset Voltage
1
µV/°C
Temperature Drift
TCV
OS
Input Offset Voltage
3.3
µV⁄month
Drift Over Time
I
B
Input Bias Current
0.5
pA
I
OS
Input Offset Current
0.25
pA
CMRR
Common-Mode Rejection Ratio
0V
≤ V
CM ≤ 2.7V
65
dB
PSRR
Positive Power Supply
V
V+ = 2.7V to 5V
90
dB
Rejection Ratio
A
VOL
Gain
125
dB
V
OH
Output Voltage (High)
MIC7211, I
LOAD = 2.5mA
2.6
2.68
V
V
OL
Output Voltage (Low)
I
LOAD = 2.5mA
0.02
0.1
V
I
S
Supply Current
V
OUT = low
5
12
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com