Electronic Components Datasheet Search
  English  ▼

X  

MIC7300 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC7300
Description  High-Output Drive Rail-to-Rail Op Amp Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7300 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC7300 Datasheet HTML 1Page - Micrel Semiconductor MIC7300 Datasheet HTML 2Page - Micrel Semiconductor MIC7300 Datasheet HTML 3Page - Micrel Semiconductor MIC7300 Datasheet HTML 4Page - Micrel Semiconductor MIC7300 Datasheet HTML 5Page - Micrel Semiconductor MIC7300 Datasheet HTML 6Page - Micrel Semiconductor MIC7300 Datasheet HTML 7Page - Micrel Semiconductor MIC7300 Datasheet HTML 8Page - Micrel Semiconductor MIC7300 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
November 1999
3
MIC7300
MIC7300
Micrel
DC Electrical Characteristics (3.0V)
V
V+ = +3.0V, VV– = 0V, VCM = VOUT = VV+/2; RL = 1MΩ; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; Note 7; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OS
Input Offset Voltage
1.0
9
mV
TCV
OS
Input Offset Voltage Average Drift
1.0
µV/°C
I
B
Input Bias Current
0.5
pA
I
OS
Input Offset Current
0.25
pA
R
IN
Input Resistance
>1
T
Ω
CMRR
Common-Mode Rejection Ratio
0V
≤ V
CM ≤ 3.0V, Note 9
50
70
dB
V
CM
Input Common-Mode Voltage
input low, CMRR
≥ 50dB
–0.3
0
V
input high, CMRR
≥ 50dB
3.0
3.3
V
±PSRR
Power Supply Rejection Ratio
V
V+ = VV– = 1.5V to 5.0V, VCM = 0
55
75
dB
C
IN
Common-Mode Input Capacitance
3
pF
V
OUT
Output Swing
output high, R
L = 100k
0.2
1
mV
specified as V
V+ – VOUT
1
mV
output low, R
L = 100k
0.2
1
mV
1
mV
output high, R
L = 2k
10
33
mV
specified as V
V+ – VOUT
50
mV
output low, R
L = 2k
10
33
mV
50
mV
output high, R
L = 600Ω
33
110
mV
specified as V
V+ – VOUT
165
mV
output low, R
L = 600Ω
33
110
mV
165
mV
I
SC
Output Short Circuit Current
sinking or sourcing, Note 8
60
95
mA
I
S
Supply Current
0.8
2.2
mA
AC Electrical Characteristics (3V)
V
V+ = 3V, VV– = 0V, VCM = 1.5V, VOUT = VV+/2; RL = 1MΩ; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; Note 7; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
SR
Slew Rate
0.5
V/
µs
GBW
Gain-Bandwidth Product
0.45
MHz
φ
m
Phase Margin
C
L = 0pF
85
°
C
L = 3500pF
40
°
G
m
Gain Margin
10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com