Electronic Components Datasheet Search
  English  ▼

X  

MIC74 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC74
Description  2-Wire Serial I/O Expander and Fan Controller Advance Information
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC74 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC74 Datasheet HTML 11Page - Micrel Semiconductor MIC74 Datasheet HTML 12Page - Micrel Semiconductor MIC74 Datasheet HTML 13Page - Micrel Semiconductor MIC74 Datasheet HTML 14Page - Micrel Semiconductor MIC74 Datasheet HTML 15Page - Micrel Semiconductor MIC74 Datasheet HTML 16Page - Micrel Semiconductor MIC74 Datasheet HTML 17Page - Micrel Semiconductor MIC74 Datasheet HTML 18Page - Micrel Semiconductor MIC74 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
August 1, 2000
15
MIC74
MIC74
Micrel
the new image to DATA. Interrupts would be disabled briefly
while DATA is being modified.
Regardless of which procedure is used, it is important that
only one software routine at a time attempts to make changes
to the output data. In a system where polling is the exclusive
method for servicing inputs, this is usually not a problem. If
interrupts are employed to any degree in dealing with MIC74
inputs, care must be taken to insure that a software routine in
the midst of making changes to outputs is not interrupted by
another routine that proceeds to make its own changes. The
risk is that the value in DATA will be changed by an interrupt-
ing routine after it is read by a different routine in the process
of making its own changes. If this occurs, the value written to
DATA by the first routine may be incorrect. The most straight-
forward solution to this potential problem is to disable system
interrupts while the data register is actually being modified.
Application Circuits
The MIC74, in conjunction with a linear low-dropout or
switching regulator, can be configured as a fan speed control-
ler. Most adjustable regulators have a feedback pin and use
an external resistor divider to adjust the output voltage. The
MIC74 is designed to take advantage of this configuration
with its ability to manipulate multiple feedback resistors
connected to the P4–P7 outputs. Individual open-drain out-
put bits are selectively grounded or allowed to float under the
control of the internal state machine. This action raises or
lowers the equivalent resistance seen in the regulator’s
feedback path, thus changing the output voltage.
Any conventional adjustable regulator is usually suitable for
use with the MIC74. The output voltage corresponding to
each value to be programmed into the fan speed register can
be determined by selecting the resistors in the circuit. The
regulator itself can be chosen to meet the needs of the
application, such as input voltage, output voltage, current
handling capability, maximum power dissipation, and physi-
cal space constraints. Two circuit examples are shown be-
low.
The circuit of Figure 13 illustrates use of a typical LDO linear
regulator such as the MIC29152. A switching regulator-
based fan control circuit using the MIC4574 200kHz Simple
0.5A Buck Regulator is shown in Figure 14. Both circuits
assume a 12V fan power supply but will accommodate much
higher input voltages if required (MIC4574: 24V, MIC29152:
26V).
Care must be taken, however, to insure that the
maximum power dissipation of the regulator is not exceeded.
If the regulator overheats, its internal thermal shutdown
circuitry will deactivate it. (See MIC29152 or MIC4574
datasheet.)
Since the MIC74 powers up with all its I/O’s inputs (floating),
both circuits will power-up with the fan running at a minimum
speed determined by the value of R
MIN_SPEED. Once the
MIC74’s fan mode is activated by setting the appropriate bit
MIC74
IN
EN
GND
OUT
FB
RF2
1k
/FS2
RF1
1.8k
/FS1
RF0
3.5k
RMIN_SPEED
1k
P3
P2
P1
P0
/FS0
/SHDN
FAN
A-Speed
HP2A-B3
or similar
RFB
3k
RPU
100k
C3
220
µF
MIC29152
C1
10
µF
C4
0.1
µF
+12V
+3.3V
VDD
SMBCLK
SMBDATA
SMBALERT
A2
A1
A0
GND
SMBus
Host
Figure 13. Fan Speed Control Using an Adjustable Low-Dropout Regulator
MIC74
IN
SHDN
PGND
SGND
SW
FB
RF2
1k
/FS2
RF1
1.8k
/FS1
RF0
3.5k
RMIN_SPEED
1k
P3
P2
P1
P0
/FS0
/SHDN
FAN
A-Speed
HP2A-B3
or similar
RFB
3k
C2
3300pF
100k
RBASE
150k
RPU
200k
C3
220
µF
MIC4574
C1
10
µF
C4
0.1
µF
+12V
+3.3V
VDD
SMBCLK
SMBDATA
SMBALERT
A2
A1
A0
GND
SMBus
Host
+3.3V
D1
L1 100
µH
Q1
2N3906
Figure 14. Fan Speed Control Using a Buck Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com