Electronic Components Datasheet Search
  English  ▼

X  

MIC7300BMM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC7300BMM
Description  High-Output Drive Rail-to-Rail Op Amp Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7300BMM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC7300BMM Datasheet HTML 1Page - Micrel Semiconductor MIC7300BMM Datasheet HTML 2Page - Micrel Semiconductor MIC7300BMM Datasheet HTML 3Page - Micrel Semiconductor MIC7300BMM Datasheet HTML 4Page - Micrel Semiconductor MIC7300BMM Datasheet HTML 5Page - Micrel Semiconductor MIC7300BMM Datasheet HTML 6Page - Micrel Semiconductor MIC7300BMM Datasheet HTML 7Page - Micrel Semiconductor MIC7300BMM Datasheet HTML 8Page - Micrel Semiconductor MIC7300BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 1999
1
MIC7300
MIC7300
Micrel
MIC7300
High-Output Drive Rail-to-Rail Op Amp
Preliminary Information
General Description
The MIC7300 is a high-performance CMOS operational
amplifier featuring rail-to-rail input and output with strong
output drive capability. It is able to source and sink in excess
of 80mA into large capacitive loads.
The input common-mode range extends beyond the rails by
300mV, and the output voltage typically swings to within
150
µV of both rails when driving a 100kΩ load.
The amplifier operates from 2.2V to 10V and is fully specified
at 2.2V, 3V, 5V, and 10V. Gain bandwidth and slew rate are
500kHz and 0.5V/
µs, respectively.
The MIC7300 is available in Micrel’s IttyBitty™ SOT-23-5
package for space-conscious circuits and in high-power
MM8™ 8-lead MSOP for improved heat dissipation in higher
power applications.
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
SOT-23-5
MSOP-8
1
4
OUT
Amplifier Output
2
5–8
V–
Negative Supply: Negative supply for split supply application or ground for
single supply application.
3
3
IN+
Noninverting Input
4
2
IN–
Inverting Input
5
1
V+
Positive Supply
Pin Configurations
OUT
V–
IN–
IN+
1
3
45
2
V+
A17
Part
Identification
SOT-23-5 (M5)
1
2
3
4
8
7
6
5
V–
V–
V–
V–
V+
IN–
IN+
OUT
MSOP-8 (MM)
Features
• Small footprint SOT-23-5 and power MSOP-8 packages
• >80mA peak output sink and source with 5V supply
• Drives large capacitive loads (6000pF with 10V supply)
• Guaranteed 2.2V, 3V, 5V, and 10V performance
• 500kHz gain-bandwidth product
• 0.01% total harmonic distortion at 1kHz (10V, 2k
Ω)
• 1mA typical power supply current at 5V
Applications
• Battery-powered instrumentation
• PCMCIA, USB peripherals
• Portable computers and PDAs
Ordering Information
Part Number
Temperature Range
Package
MIC7300BM5
–40
°C to +85°C
SOT-23-5
MIC7300BMM
–40
°C to +85°C
MSOP-8
Functional Configuration
OUT
V–
IN–
IN+
1
3
45
2
V+
SOT-23-5 (M5)
IttyBitty and MM8 are trademarks of Micrel, Inc.
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com


Similar Part No. - MIC7300BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7300BMM MICREL-MIC7300BMM Datasheet
68Kb / 12P
High-Output Drive Rail-to-Rail Op Amp
More results

Similar Description - MIC7300BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7111 MICREL-MIC7111 Datasheet
73Kb / 8P
1.8V IttyBitty??Rail-to-Rail Input/Output Op Amp Preliminary Information
MIC7122 MICREL-MIC7122 Datasheet
58Kb / 8P
Rail-to-Rail Dual Op Amp Preliminary Information
logo
Maxim Integrated Produc...
MAX4369 MAXIM-MAX4369 Datasheet
327Kb / 11P
Dual, Rail-to-Rail, High-Output-Drive Op Amp in UCSP
Rev 0; 4/02
logo
Micrel Semiconductor
MIC7300 MICREL-MIC7300_05 Datasheet
68Kb / 12P
High-Output Drive Rail-to-Rail Op Amp
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
Dual Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
logo
Microchip Technology
MIC7300 MICROCHIP-MIC7300 Datasheet
678Kb / 22P
High-Output Drive Rail-to-Rail Op Amp
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com